Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5166 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC5166
Description  3A High-Speed, Low-VIN DDR Terminator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5166 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC5166 Datasheet HTML 17Page - Microchip Technology MIC5166 Datasheet HTML 18Page - Microchip Technology MIC5166 Datasheet HTML 19Page - Microchip Technology MIC5166 Datasheet HTML 20Page - Microchip Technology MIC5166 Datasheet HTML 21Page - Microchip Technology MIC5166 Datasheet HTML 22Page - Microchip Technology MIC5166 Datasheet HTML 23Page - Microchip Technology MIC5166 Datasheet HTML 24Page - Microchip Technology MIC5166 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2018 - 2019 Microchip Technology Inc.
DS20006085B-page 21
MIC5166
7.0
EVALUATION BOARD SCHEMATICS
FIGURE 7-1:
U1 Schematic.
FIGURE 7-2:
U2 Schematic.
5V_INPUT
TP19
R7 49.9
C7
39pF
TP18
C13
470μF/10V
C1
22μF/6.3V
C4
1nF
R6
1
10
2
8
1
7
11 16
U1
MIC22405YML
C10
47μF/6.3V
C11
47μF/6.3V
R3
20K
TP4
TP7
17
VIN
PVIN
SVIN
POR
EN
RC
DELAY
PVIN
3
5
SW
SW
SW
SW
FB
CF
COMP
9
J2
PGND
5VIN
C3
2.2μF/6.3V
R4
47.5K
C2
22μF
RC
C6
1nF
C5
OPEN
18
20
19
SW
1
L1 1μH
12
13
14
15
6
2
3
4
5
C8
390pF
C9
100pF
R2
698
R1A
1.1K
R1B
1.1K
R1C
1.1K
R1D
1.1K
C12
1nF/50V
TP21
TP20
VIN
VDDQ
PG
GND
5VIN
VDDQ
VBIAS
VIN
J5
J8
J10
J7
TP1
R11 2.2
R8 2.2
C14
100μF/6.3V
TP9
C16
1μF/6.3V
C17
4.7μF
C18
1μF
R9
10k
1
1
2
3
4
56
7
8
9
10
U2
MIC5166YMM
C15
10μF/6.3V
C24
10μF/6.3V
VTT
R10
1k
TP10
J9
GND
C19
22μF/6.3V
TP11
R12 0
3
VREF
VBIAS
AGND
VDDQ
EN
EP
VIN
VTT
PGND
PG
VSNS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com