Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 175 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 175 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 171Page - Microchip Technology LAN9252TI/ML Datasheet HTML 172Page - Microchip Technology LAN9252TI/ML Datasheet HTML 173Page - Microchip Technology LAN9252TI/ML Datasheet HTML 174Page - Microchip Technology LAN9252TI/ML Datasheet HTML 175Page - Microchip Technology LAN9252TI/ML Datasheet HTML 176Page - Microchip Technology LAN9252TI/ML Datasheet HTML 177Page - Microchip Technology LAN9252TI/ML Datasheet HTML 178Page - Microchip Technology LAN9252TI/ML Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 175
LAN9252
MDIO Manageable Device (MMD) Registers
The device MMD registers adhere to the IEEE 802.3-2008 45.2 MDIO Interface Registers specification. The MMD reg-
isters are not memory mapped. These registers are accessed indirectly via the PHY x MMD Access Control Register
(PHY_MMD_ACCESS) and PHY x MMD Access Address/Data Register (PHY_MMD_ADDR_DATA). The supported
MMD device addresses are 3 (PCS), 7 (Auto-Negotiation), and 30 (Vendor Specific). Table 11-14, "MMD Registers"
details the supported registers within each MMD device.
TABLE 11-14: MMD REGISTERS
MMD DEVICE
ADDRESS
(IN DECIMAL)
INDEX
(IN DECIMAL)
REGISTER NAME
3
(PCS)
5
PHY x PCS MMD Devices Present 1 Register (PHY_PCS_MMD_PRE-
SENT1_x)
6
PHY x PCS MMD Devices Present 2 Register (PHY_PCS_MMD_PRE-
SENT2_x)
32784
PHY x Wakeup Control and Status Register (PHY_WUCSR_x)
32785
PHY x Wakeup Filter Configuration Register A (PHY_WUF_CFGA_x)
32786
PHY x Wakeup Filter Configuration Register B (PHY_WUF_CFGB_x)
32801
PHY x Wakeup Filter Byte Mask Registers (PHY_WUF_MASK_x)
32802
32803
32804
32805
32806
32807
32808
32865
PHY x MAC Receive Address A Register (PHY_RX_ADDRA_x)
32866
PHY x MAC Receive Address B Register (PHY_RX_ADDRB_x)
32867
PHY x MAC Receive Address C Register (PHY_RX_ADDRC_x)
7
(Auto-Negotiation)
5
PHY x Auto-Negotiation MMD Devices Present 1 Register
(PHY_AN_MMD_PRESENT1_x)
6
PHY x Auto-Negotiation MMD Devices Present 2 Register
(PHY_AN_MMD_PRESENT2_x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com