Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 9 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 9 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 5Page - Microchip Technology LAN9252TI/ML Datasheet HTML 6Page - Microchip Technology LAN9252TI/ML Datasheet HTML 7Page - Microchip Technology LAN9252TI/ML Datasheet HTML 8Page - Microchip Technology LAN9252TI/ML Datasheet HTML 9Page - Microchip Technology LAN9252TI/ML Datasheet HTML 10Page - Microchip Technology LAN9252TI/ML Datasheet HTML 11Page - Microchip Technology LAN9252TI/ML Datasheet HTML 12Page - Microchip Technology LAN9252TI/ML Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 9
LAN9252
The LAN9252 is available in commercial, industrial, and extended industrial temperature ranges. Figure 2-1 details a
typical system application, while Figure 2-2 provides an internal block diagram of the LAN9252.
The LAN9252 can operate in Microcontroller, Expansion, or Digital I/O mode:
FIGURE 2-1:
SYSTEM BLOCK DIAGRAM
FIGURE 2-2:
INTERNAL BLOCK DIAGRAM
LAN9252
Microprocessor/
Microcontroller
Local
Bus
EEPROM
Magnetics
RJ45
25MHz
Magnetics
RJ45
EtherCAT Slave
EtherCAT
Master
EtherCAT
Slave
EtherCAT
Slave
PHY
RJ45
EtherCAT
Slave
100 PHY
w/ fiber
Registers
EtherCAT Slave Controller
SyncManager
FMMU
ESC Address Space
Registers / RAM
Loopback
Auto
Fowarder
Loopback
Auto
Fowarder
LED
Controller
To optional LEDs
System
Interrupt
Controller
IRQ
System Clocks/
Reset Controller
External
25MHz Crystal
I2C
EEPROM
100 PHY
w/ fiber
Registers
LAN9252
Ethernet
Ethernet
Parallel Data
Interface
To 8/16-bit
Host Bus,
MII, SPI,
Digital IOs,
GPIOs
To I
2C
Loopback
Auto
Fowarder
MII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com