Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 52 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 52 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 48Page - Microchip Technology LAN9252TI/ML Datasheet HTML 49Page - Microchip Technology LAN9252TI/ML Datasheet HTML 50Page - Microchip Technology LAN9252TI/ML Datasheet HTML 51Page - Microchip Technology LAN9252TI/ML Datasheet HTML 52Page - Microchip Technology LAN9252TI/ML Datasheet HTML 53Page - Microchip Technology LAN9252TI/ML Datasheet HTML 54Page - Microchip Technology LAN9252TI/ML Datasheet HTML 55Page - Microchip Technology LAN9252TI/ML Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 329 page
background image
LAN9252
DS00001909A-page 52
 2015 Microchip Technology Inc.
tx_shift_strap[1:0]
EtherCAT MII Port TX Timing Shift Strap:
These straps
determine the value of the MII TX Timing Shift for the MII
port.
00 = 0ns
01 = 10ns
10 = 20ns
11 = 30ns
TX_SHIFT[1:0]
fx_mode_strap_1
PHY A FX Mode Strap:
Selects FX mode for PHY A.
This strap is set high when FXLOSEN is above 1 V (typ.) or
FXSDENA is above 1 V (typ.).
FXLOSEN :
FXSDENA
fx_mode_strap_2
PHY B FX Mode Strap:
Selects FX mode for PHY B.
This strap is set high when FXLOSEN is above 2 V (typ.) or
FXSDENB is above 1 V (typ.).
FXLOSEN :
FXSDENB
fx_los_strap_1
PHY A FX-LOS Select Strap:
Selects Loss of Signal mode
for PHY A.
This strap is set high when FXLOSEN is above 1 V (typ.).
FXLOSEN
fx_los_strap_2
PHY B FX-LOS Select Strap:
Selects Loss of Signal mode
for PHY B.
This strap is set high when FXLOSEN is above 2 V (typ.).
FXLOSEN
TABLE 7-1:
HARD-STRAP CONFIGURATION STRAP DEFINITIONS (CONTINUED)
Strap Name
Description
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com