Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 57 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 57 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 53Page - Microchip Technology LAN9252TI/ML Datasheet HTML 54Page - Microchip Technology LAN9252TI/ML Datasheet HTML 55Page - Microchip Technology LAN9252TI/ML Datasheet HTML 56Page - Microchip Technology LAN9252TI/ML Datasheet HTML 57Page - Microchip Technology LAN9252TI/ML Datasheet HTML 58Page - Microchip Technology LAN9252TI/ML Datasheet HTML 59Page - Microchip Technology LAN9252TI/ML Datasheet HTML 60Page - Microchip Technology LAN9252TI/ML Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 57
LAN9252
8.3.1
INTERRUPT CONFIGURATION REGISTER (IRQ_CFG)
This read/write register configures and indicates the state of the IRQ signal.
Offset:
054h
Size:
32 bits
Bits
Description
Type
Default
31:24
Interrupt De-assertion Interval (INT_DEAS)
This field determines the Interrupt Request De-assertion Interval in multiples
of 10 microseconds.
Setting this field to zero causes the device to disable the INT_DEAS Interval,
reset the interval counter and issue any pending interrupts. If a new, non-zero
value is written to this field, any subsequent interrupts will obey the new set-
ting.
R/W
00h
23:15
RESERVED
RO
-
14
Interrupt De-assertion Interval Clear (INT_DEAS_CLR)
Writing a 1 to this register clears the de-assertion counter in the Interrupt
Controller, thus causing a new de-assertion interval to begin (regardless of
whether or not the Interrupt Controller is currently in an active de-assertion
interval).
0: Normal operation
1: Clear de-assertion counter
R/W
SC
0h
13
Interrupt De-assertion Status (INT_DEAS_STS)
When set, this bit indicates that the interrupt controller is currently in a de-
assertion interval and potential interrupts will not be sent to the IRQ pin.
When this bit is clear, the interrupt controller is not currently in a de-assertion
interval and interrupts will be sent to the IRQ pin.
0: Interrupt controller not in de-assertion interval
1: Interrupt controller in de-assertion interval
RO
0b
12
Master Interrupt (IRQ_INT)
This read-only bit indicates the state of the internal IRQ line, regardless of the
setting of the IRQ_EN bit, or the state of the interrupt de-assertion function.
When this bit is set, one of the enabled interrupts is currently active.
0: No enabled interrupts active
1: One or more enabled interrupts active
RO
0b
11:9
RESERVED
RO
-
8
IRQ Enable (IRQ_EN)
This bit controls the final interrupt output to the IRQ pin. When clear, the IRQ
output is disabled and permanently de-asserted. This bit has no effect on any
internal interrupt status bits.
0: Disable output on IRQ pin
1: Enable output on IRQ pin
R/W
0b
7:5
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com