Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 22 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 22 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 18Page - Microchip Technology LAN9252TI/ML Datasheet HTML 19Page - Microchip Technology LAN9252TI/ML Datasheet HTML 20Page - Microchip Technology LAN9252TI/ML Datasheet HTML 21Page - Microchip Technology LAN9252TI/ML Datasheet HTML 22Page - Microchip Technology LAN9252TI/ML Datasheet HTML 23Page - Microchip Technology LAN9252TI/ML Datasheet HTML 24Page - Microchip Technology LAN9252TI/ML Datasheet HTML 25Page - Microchip Technology LAN9252TI/ML Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 329 page
background image
LAN9252
DS00001909A-page 22
 2015 Microchip Technology Inc.
TABLE 3-7:
HOST BUS PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
1
Read
RD
VIS
This pin is the host bus read strobe.
Normally active low, the polarity can be changed via
the HBI Read, Read/Write Polarity bit of the PDI
Configuration Register (HBI Modes).
Read or Write
RD_WR
VIS
This pin is the host bus direction control. Used in
conjunction with the ENB pin, it indicates a read or
write operation.
The normal polarity is read when 1, write when 0 (R/
nW) but can be changed via the HBI Read, Read/
Write Polarity bit of the PDI Configuration Register
(HBI Modes).
1
Write
WR
VIS
This pin is the host bus write strobe.
Normally active low, the polarity can be changed via
the HBI Write, Enable Polarity bit of the PDI Config-
uration Register (HBI Modes).
Enable
ENB
VIS
This pin is the host bus data enable strobe. Used in
conjunction with the RD_WR pin it indicates the
data phase of the operation.
Normally active low, the polarity can be changed via
the HBI Write, Enable Polarity bit of the PDI Config-
uration Register (HBI Modes).
1
Chip Select
CS
VIS
This pin is the host bus chip select and indicates
that the device is selected for the current transfer.
Normally active low, the polarity can be changed via
the HBI Chip Select Polarity bit of the PDI Configu-
ration Register (HBI Modes).
5Address
A[4:0]
VIS
These pins provide the address for non-multiplexed
address mode.
In 16-bit data mode, bit 0 is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com