Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 1 Page - Microchip Technology

  LAN9252TI/ML Datasheet HTML 1Page - Microchip Technology LAN9252TI/ML Datasheet HTML 2Page - Microchip Technology LAN9252TI/ML Datasheet HTML 3Page - Microchip Technology LAN9252TI/ML Datasheet HTML 4Page - Microchip Technology LAN9252TI/ML Datasheet HTML 5Page - Microchip Technology LAN9252TI/ML Datasheet HTML 6Page - Microchip Technology LAN9252TI/ML Datasheet HTML 7Page - Microchip Technology LAN9252TI/ML Datasheet HTML 8Page - Microchip Technology LAN9252TI/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 1
Highlights
• 2/3-port EtherCAT slave controller with 3 Fieldbus
Memory Management Units (FMMUs) and
4 SyncManagers
• Interfaces to most 8/16-bit embedded controllers
and 32-bit embedded controllers with an 8/16-bit
bus
• Integrated Ethernet PHYs with HP Auto-MDIX
• Wake on LAN (WoL) support
• Low power mode allows systems to enter sleep
mode until addressed by the Master
• Cable diagnostic support
• 1.8V to 3.3V variable voltage I/O
• Integrated 1.2V regulator for single 3.3V operation
• Low pin count and small body size package
Target Applications
• Motor Motion Control
• Process/Factory Automation
• Communication Modules, Interface Cards
•Sensors
• Hydraulic & Pneumatic Valve Systems
• Operator Interfaces
Key Benefits
• Integrated high-performance 100Mbps Ethernet
transceivers
- Compliant with IEEE 802.3/802.3u (Fast Ethernet)
- 100BASE-FX support via external fiber transceiver
- Loop-back modes
- Automatic polarity detection and correction
- HP Auto-MDIX
• EtherCAT slave controller
- Supports 3 FMMUs
- Supports 4 SyncManagers
- Distributed clock support allows synchronization with
other EtherCAT devices
- 4K bytes of DPRAM
• 8/16-Bit Host Bus Interface
- Indexed register or multiplexed bus
- Allows local host to enter sleep mode until addressed by
EtherCAT Master
- SPI / Quad SPI support
• Digital I/O Mode for optimized system cost
• 3rd port for flexible network configurations
• Comprehensive power management features
- 3 power-down levels
- Wake on link status change (energy detect)
- Magic packet wakeup, Wake on LAN (WoL), wake on
broadcast, wake on perfect DA
- Wakeup indicator event signal
• Power and I/O
- Integrated power-on reset circuit
- Latch-up performance exceeds 150mA
per EIA/JESD78, Class II
- JEDEC Class 3A ESD performance
- Single 3.3V power supply
(integrated 1.2V regulator)
• Additional Features
- Multifunction GPIOs
- Ability to use low cost 25MHz crystal for reduced BOM
• Packaging
- Pb-free RoHS compliant 64-pin QFN or 64-pin TQFP-
EP
• Available in commercial, industrial, and extended
industrial* temp. ranges
*Extended temp. (105ºC) is supported only in the 64-QFN with an
external voltage regulator (internal regulator must be disabled) and
2.5V (typ) Ethernet magnetics.
LAN9252
2/3-Port EtherCAT® Slave Controller with
Integrated Ethernet PHYs


Similar Part No. - LAN9252TI/ML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9250 MICROCHIP-LAN9250 Datasheet
2Mb / 421P
Integrated Ethernet PHY with HP Auto-MDIX
01/27/15
LAN9255 MICROCHIP-LAN9255 Datasheet
1Mb / 23P
2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
02/28/20
LAN9255-I/ZMX018 MICROCHIP-LAN9255-I/ZMX018 Datasheet
1Mb / 23P
2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
02/28/20
LAN9255-I/ZMX019 MICROCHIP-LAN9255-I/ZMX019 Datasheet
1Mb / 23P
2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
02/28/20
LAN9255-I/ZMX020 MICROCHIP-LAN9255-I/ZMX020 Datasheet
1Mb / 23P
2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
02/28/20
More results

Similar Description - LAN9252TI/ML

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7388 VITESSE-VSC7388 Datasheet
432Kb / 2P
8-port Integrated Gigabit Ethernet Switch SoC with Copper PHYs
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
Integrated 3-Port 10/100 Managed Switch with PHYs
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
Integrated EtherCAT Slave Controller
logo
Micrel Semiconductor
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
EtherCAT Slave Controller
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
EtherCAT Slave Controller SoC
AX58400 ASIX-AX58400 Datasheet
544Kb / 2P
EtherCAT Slave Controller with Dual-Core MCU
11/05/2021
logo
Analog Devices
ADIN2111 AD-ADIN2111 Datasheet
1Mb / 125P
Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
12/2021-Revision 0
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com