Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 28 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 28 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 24Page - Microchip Technology LAN9252TI/ML Datasheet HTML 25Page - Microchip Technology LAN9252TI/ML Datasheet HTML 26Page - Microchip Technology LAN9252TI/ML Datasheet HTML 27Page - Microchip Technology LAN9252TI/ML Datasheet HTML 28Page - Microchip Technology LAN9252TI/ML Datasheet HTML 29Page - Microchip Technology LAN9252TI/ML Datasheet HTML 30Page - Microchip Technology LAN9252TI/ML Datasheet HTML 31Page - Microchip Technology LAN9252TI/ML Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 329 page
background image
LAN9252
DS00001909A-page 28
 2015 Microchip Technology Inc.
Note 11:
Refer to Section 4.0, "Power Connections," on page 29, the device reference schematic, and the device
LANCheck schematic checklist for additional connection information.
TABLE 3-14:
JTAG PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
1
JTAG Test
Mux Select
TMS
VIS
JTAG test mode select
1
JTAG Test
Clock
TCK
VIS
JTAG test clock
1
JTAG Test
Data Input
TDI
VIS
JTAG data input
1
JTAG Test
Data Output
TDO
VO12
JTAG data output
TABLE 3-15:
CORE AND I/O POWER PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
1
Regulator
+3.3 V Power
Supply
VDD33
P
+3.3 V power supply for internal regulators. See
Note 11.
Note:
+3.3 V must be supplied to this pin even
if the internal regulators are disabled.
5
+1.8 V to +3.3 V
Variable I/O
Power
VDDIO
P
+1.8 V to +3.3 V variable I/O power. See Note 11.
3
+1.2 V Digital
Core Power
Supply
VDDCR
P
Supplied by the on-chip regulator unless configured
for regulator off mode via REG_EN.
1 µF and 470 pF decoupling capacitors in parallel to
ground should be used on pin 6. See Note 11.
1
pad
Ground
VSS
P
Common ground. This exposed pad must be con-
nected to the ground plane with a via array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com