Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 29 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 29 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 25Page - Microchip Technology LAN9252TI/ML Datasheet HTML 26Page - Microchip Technology LAN9252TI/ML Datasheet HTML 27Page - Microchip Technology LAN9252TI/ML Datasheet HTML 28Page - Microchip Technology LAN9252TI/ML Datasheet HTML 29Page - Microchip Technology LAN9252TI/ML Datasheet HTML 30Page - Microchip Technology LAN9252TI/ML Datasheet HTML 31Page - Microchip Technology LAN9252TI/ML Datasheet HTML 32Page - Microchip Technology LAN9252TI/ML Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 29
LAN9252
4.0
POWER CONNECTIONS
Figure 4-1 and Figure 4-2 illustrate the device power connections for regulator enabled and disabled cases, respec-
tively. Refer to the device reference schematic and the device LANCheck schematic checklist for additional information.
Section 4.1 provides additional information on the devices internal voltage regulators.
FIGURE 4-1:
POWER CONNECTIONS - REGULATORS ENABLED
+1.8 V to
+3.3 V
VDDCR
Core Logic &
PHY digital
VDD12TX2
Ethernet PHY 1
Analog
1.0 µF
0.1
 ESR
VDD33BIAS
VDD33TXRX1
VSS
VDDCR
Ethernet PHY 2
Analog
VDD12TX1
VDD33TXRX2
Ethernet Master
Bias
IO Pads
To PHY1
Magnetics
To PHY2
Magnetics
Note: Bypass and bulk caps as needed for PCB
VDDIO
VDD33
+3.3 V
+3.3 V
470 pF
Crystal Oscillator
VSS
PLL
(exposed pad)
(or separate 2.5V)
(or separate 2.5V)
VDDIO
VDDIO
VDDIO
VDDIO
VDDCR
OSCVDD12
OSCVSS
+3.3 V
(IN)
+1.2 V
(OUT)
Internal 1.2 V Core
Regulator
enable
+3.3 V
(IN)
+1.2 V
(OUT)
Internal 1.2 V Oscillator
Regulator
VSS
enable
REG_EN
(Pin 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com