Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 62 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 62 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 58Page - Microchip Technology LAN9252TI/ML Datasheet HTML 59Page - Microchip Technology LAN9252TI/ML Datasheet HTML 60Page - Microchip Technology LAN9252TI/ML Datasheet HTML 61Page - Microchip Technology LAN9252TI/ML Datasheet HTML 62Page - Microchip Technology LAN9252TI/ML Datasheet HTML 63Page - Microchip Technology LAN9252TI/ML Datasheet HTML 64Page - Microchip Technology LAN9252TI/ML Datasheet HTML 65Page - Microchip Technology LAN9252TI/ML Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 329 page
background image
LAN9252
DS00001909A-page 62
 2015 Microchip Technology Inc.
9.0
HOST BUS INTERFACE
9.1
Functional Overview
The Host Bus Interface (HBI) module provides a high-speed asynchronous slave interface that facilitates communica-
tion between the device and a host system. The HBI allows access to the System CSRs and internal FIFOs and mem-
ories and handles byte swapping based on the endianness select.
The following is an overview of the functions provided by the HBI:
• Address bus input: Two addressing modes are supported. These are a multiplexed address / data bus and a de-
multiplexed address bus with address index register accesses. The mode selection is done through a configura-
tion input.
• Selectable data bus width: The host data bus width is selectable. 16 and 8-bit data modes are supported. This
selection is done through a configuration input. The HBI performs BYTE and WORD to DWORD assembly on
write data and keeps track of the BYTE / WORD count for reads. Individual BYTE access in 16-bit mode is not
supported.
• Selectable read / write control modes: Two control modes are available. Separate read and write pins or an
enable and direction pin. The mode selection is done through a configuration input.
• Selectable control line polarity: The polarity of the chip select, read / write and address latch signals is select-
able through configuration inputs.
• Dynamic Endianness control: The HBI supports the selection of big and little endian host byte ordering based
on the endianness signal. This highly flexible interface provides mixed endian access for registers and memory.
Depending on the addressing mode of the device, this signal is either configuration register controlled or as part of
the strobed address input.
• Direct FIFO access: A FIFO direct select signal directs all host write operations to the EtherCAT Process RAM
Write Data FIFO (Multiplexed Address Mode only) and all host read operations from EtherCAT Process RAM
Read Data FIFO (Multiplexed Address Mode only). This signal is strobed as part of the address input.
9.2
Read / Write Control Signals
The device supports two distinct read / write signal methods:
• read (RD) and write (WR) strobes are input on separate pins.
• read and write signals are decoded from an enable input (ENB) and a direction input (RD_WR).
9.3
Control Line Polarity
The device supports polarity control on the following:
• chip select input (CS)
• read strobe (RD) / direction input (RD_WR)
• write strobe (WR) / enable input (ENB)
• address latch control (ALELO and ALEHI)
9.4
Multiplexed Address / Data Mode
In Multiplexed Address / Data mode, the address, FIFO Direct Select and endianness select inputs are shared with the
data bus. Two methods are supported, a single phase address, utilizing up to 16 address / data pins and a dual phase
address, utilizing only the lower 8 data bits.
9.4.1
ADDRESS LATCH CYCLES
9.4.1.1
Single Phase Address Latching
In Single Phase mode, all address bits, the FIFO Direct Select signal and the endianness select are strobed into the
device using the trailing edge of the ALELO signal. The address latch is implemented on all 16 address / data pins. In
8-bit data mode, where pins AD[15:8] are used exclusively for addressing, it is not necessary to drive these upper
address lines with a valid address continually through read and write operations. However, this operation, referred to as
Partial Address Multiplexing, is acceptable since the device will never drive these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com