Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 106 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 106 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 102Page - Microchip Technology LAN9252TI/ML Datasheet HTML 103Page - Microchip Technology LAN9252TI/ML Datasheet HTML 104Page - Microchip Technology LAN9252TI/ML Datasheet HTML 105Page - Microchip Technology LAN9252TI/ML Datasheet HTML 106Page - Microchip Technology LAN9252TI/ML Datasheet HTML 107Page - Microchip Technology LAN9252TI/ML Datasheet HTML 108Page - Microchip Technology LAN9252TI/ML Datasheet HTML 109Page - Microchip Technology LAN9252TI/ML Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 329 page
background image
LAN9252
DS00001909A-page 106
 2015 Microchip Technology Inc.
10.2.4
SPI READ COMMANDS
Various read commands are support by the SPI/SQI slave. The following applies to all read commands.
MULTIPLE READS
Additional reads, beyond the first, are performed by continuing the clock pulses while SCS# is active. The upper two bits
of the address specify auto-incrementing (address[15:14]=01b) or auto-decrementing (address[15:14]=10b). The inter-
nal DWORD address is incremented, decremented, or maintained based on these bits. Maintaining a fixed internal
address is useful for register polling.
SPECIAL CSR HANDLING
Live Bits
Since data is read serially, the selected register’s value is saved at the beginning of each 32-bit read to prevent the host
from reading an intermediate value. The saving occurs multiple times in a multiple read sequence.
Change on Read Registers and FIFOs
Any register that is affected by a read operation (e.g. a clear on read bit or FIFO) is updated once the current data output
shift has started. In the event that 32-bits are not read when the SCS# is returned high, the register is still affected and
any prior data is lost.
Change on Read Live Register Bits
As described above, the current value from a register with live bits (as is the case of any register) is saved before the
data is shifted out. Although a H/W event that occurs following the data capture would still update the live bit(s), the live
bit(s) will be affected (cleared, etc.) once the output shift has started and the H/W event would be lost. In order to prevent
this, the individual CSRs defer the H/W event update until after the read indication.
10.2.4.1
Read
The Read instruction inputs the instruction code and address bytes one bit per clock and outputs the data one bit per
clock. This instruction is supported in SPI bus protocol only with clock frequencies up to 30 MHz. This instruction is not
supported in SQI bus protocol.
The SPI slave interface is selected by first bringing SCS# active. The 8-bit READ instruction, 03h, is input into the SI/
SIO[0] pin, followed by the two address bytes. The address bytes specify a BYTE address within the device.
On the falling clock edge following the rising edge of the last address bit, the SO/SIO[1] pin is driven starting with the
msb of the LSB of the selected register. The remaining register bits are shifted out on subsequent falling clock edges.
The SCS# input is brought inactive to conclude the cycle. The SO/SIO[1] pin is three-stated at this time.
FIGURE 10-3:
SQI MODE RESET SQI
SQI Mode Reset SQI
SCK (active high)
SIO[3:0]
FF
X
SCK (active low)
SCS#
X
1
2
X
1
2
X
X
X
Inst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com