Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 132 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 132 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 128Page - Microchip Technology LAN9252TI/ML Datasheet HTML 129Page - Microchip Technology LAN9252TI/ML Datasheet HTML 130Page - Microchip Technology LAN9252TI/ML Datasheet HTML 131Page - Microchip Technology LAN9252TI/ML Datasheet HTML 132Page - Microchip Technology LAN9252TI/ML Datasheet HTML 133Page - Microchip Technology LAN9252TI/ML Datasheet HTML 134Page - Microchip Technology LAN9252TI/ML Datasheet HTML 135Page - Microchip Technology LAN9252TI/ML Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 329 page
background image
LAN9252
DS00001909A-page 132
 2015 Microchip Technology Inc.
11.2.9
WAKE ON LAN (WOL)
The PHY supports layer WoL event detection of Perfect DA, Broadcast, Magic Packet, and Wakeup frames.
Each type of supported wake event (Perfect DA, Broadcast, Magic Packet, or Wakeup frames) may be individually
enabled via Perfect DA Wakeup Enable (PFDA_EN), Broadcast Wakeup Enable (BCST_EN), Magic Packet Enable
(MPEN), and Wakeup Frame Enable (WUEN) bits of the PHY x Wakeup Control and Status Register (PHY_WUCSR_x),
respectively. The WoL event is indicated via the INT8 bit of the PHY x Interrupt Source Flags Register (PHY_INTER-
RUPT_SOURCE_x).
The WoL feature is part of the broader power management features of the device and can be used to trigger the power
management event or general interrupt request pin (IRQ). This is accomplished by enabling the WoL feature of the PHY
as described above, and setting the corresponding WoL enable (bit 14 for PHY A, bit 15 for PHY B) of the Power Man-
agement Control Register (PMT_CTRL). Refer to Section 6.3, "Power Management," on page 43 for additional informa-
tion.
The PHY x Wakeup Control and Status Register (PHY_WUCSR_x) also provides a WoL Configured bit, which may be
set by software after all WoL registers are configured. Because all WoL related registers are not affected by software
resets, software can poll the WoL Configured bit to ensure all WoL registers are fully configured. This allows the software
to skip reprogramming of the WoL registers after reboot due to a WoL event.
The following subsections detail each type of WoL event. For additional information on the main system interrupts, refer
to Section 8.0, "System Interrupts," on page 53.
11.2.9.1
Perfect DA (Destination Address) Detection
When enabled, the Perfect DA detection mode allows the detection of a frame with the destination address matching
the address stored in the PHY x MAC Receive Address A Register (PHY_RX_ADDRA_x), PHY x MAC Receive Address
B Register (PHY_RX_ADDRB_x), and PHY x MAC Receive Address C Register (PHY_RX_ADDRC_x). The frame
must also pass the FCS and packet length check.
As an example, the Host system must perform the following steps to enable the device to detect a Perfect DA WoL
event:
1.
Set the desired MAC address to cause the wake event in the PHY x MAC Receive Address A Register (PHY_RX-
_ADDRA_x), PHY x MAC Receive Address B Register (PHY_RX_ADDRB_x), and PHY x MAC Receive Address
C Register (PHY_RX_ADDRC_x).
2.
Set the Perfect DA Wakeup Enable (PFDA_EN) bit of the PHY x Wakeup Control and Status Register
(PHY_WUCSR_x) to enable Perfect DA detection.
3.
Set bit 8 (WoL event indicator) in the PHY x Interrupt Mask Register (PHY_INTERRUPT_MASK_x) to enable
WoL events.
When a match is triggered, bit 8 of the PHY x Interrupt Source Flags Register (PHY_INTERRUPT_SOURCE_x) will be
set, and the Perfect DA Frame Received (PFDA_FR) bit of the PHY x Wakeup Control and Status Register
(PHY_WUCSR_x) will be set.
11.2.9.2
Broadcast Detection
When enabled, the Broadcast detection mode allows the detection of a frame with the destination address value of FF
FF FF FF FF FF. The frame must also pass the FCS and packet length check.
As an example, the Host system must perform the following steps to enable the device to detect a Broadcast WoL event:
1.
Set the Broadcast Wakeup Enable (BCST_EN) bit of the PHY x Wakeup Control and Status Register
(PHY_WUCSR_x) to enable Broadcast detection.
2.
Set bit 8 (WoL event indicator) in the PHY x Interrupt Mask Register (PHY_INTERRUPT_MASK_x) to enable
WoL events.
When a match is triggered, bit 8 of the PHY x Interrupt Source Flags Register (PHY_INTERRUPT_SOURCE_x) will be
set, and the Broadcast Frame Received (BCAST_FR) bit of the PHY x Wakeup Control and Status Register
(PHY_WUCSR_x) will be set.
11.2.9.3
Magic Packet Detection
When enabled, the Magic Packet detection mode allows the detection of a Magic Packet frame. A Magic Packet is a
frame addressed to the device - either a unicast to the programmed address, or a broadcast - which contains the pattern
48’h FF_FF_FF_FF_FF_FF after the destination and source address field, followed by 16 repetitions of the desired MAC
address (loaded into the PHY x MAC Receive Address A Register (PHY_RX_ADDRA_x), PHY x MAC Receive Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com