Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 210 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 210 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 206Page - Microchip Technology LAN9252I/ML Datasheet HTML 207Page - Microchip Technology LAN9252I/ML Datasheet HTML 208Page - Microchip Technology LAN9252I/ML Datasheet HTML 209Page - Microchip Technology LAN9252I/ML Datasheet HTML 210Page - Microchip Technology LAN9252I/ML Datasheet HTML 211Page - Microchip Technology LAN9252I/ML Datasheet HTML 212Page - Microchip Technology LAN9252I/ML Datasheet HTML 213Page - Microchip Technology LAN9252I/ML Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 329 page
background image
LAN9252
DS00001909A-page 210
 2015 Microchip Technology Inc.
12.11.2
ETHERCAT CSR WRITES
To perform a write to an individual EtherCAT Core register, the desired data must first be written into the EtherCAT CSR
Interface Data Register (ECAT_CSR_DATA). Valid data is always aligned into the lowest bits of the EtherCAT CSR Inter-
face Data Register (ECAT_CSR_DATA).
The write cycle is initiated by performing a single write to the EtherCAT CSR Interface Command Register (ECAT_CS-
R_CMD) with the CSR Busy (CSR_BUSY) bit set, the CSR Address (CSR_ADDR) field set to the desired register
address, the Read/Write (R_nW) bit cleared and the CSR Size (CSR_SIZE) field set to the desired size. The completion
of the write cycle is indicated by the clearing of the CSR Busy (CSR_BUSY) bit.
Figure 12-11 illustrates the process required to perform a EtherCAT Core CSR write. Minimum wait periods are required
where noted. Minimum wait periods are required where noted. The minimum wait periods as specified in Table 5-2,
“Read After Write Timing Rules,” on page 35 are required where noted.
12.11.3
ETHERCAT PROCESS RAM READS
Process data is transferred from the EtherCAT Core through a 16 deep 32-bit wide FIFO. The FIFO has the base
address of 00h, however, it is also accessible at seven additional contiguous memory locations. The Host may access
the FIFO at any of these alias port locations, as they all function identically and contain the same data. This alias port
addressing is implemented to allow hosts to burst through sequential addresses.
For HBI access, the Process RAM Read Data FIFO may also be accessed using FIFO Direct Selection mode. In this
mode, the address input is ignored and all read accesses are directed to the Process RAM Read Data FIFO. See Sec-
tion 9.4.3.1, "FIFO Direct Select Access," on page 68.
FIGURE 12-11:
ETHERCAT CSR WRITE ACCESS FLOW DIAGRAM
Idle
Write Data
Register
Write
Command
Register
Read
Command
Register
CSR_ BUSY = 0
CSR Write
CSR_ BUSY =1
min wait period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com