Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 212 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 212 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 208Page - Microchip Technology LAN9252I/ML Datasheet HTML 209Page - Microchip Technology LAN9252I/ML Datasheet HTML 210Page - Microchip Technology LAN9252I/ML Datasheet HTML 211Page - Microchip Technology LAN9252I/ML Datasheet HTML 212Page - Microchip Technology LAN9252I/ML Datasheet HTML 213Page - Microchip Technology LAN9252I/ML Datasheet HTML 214Page - Microchip Technology LAN9252I/ML Datasheet HTML 215Page - Microchip Technology LAN9252I/ML Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 329 page
background image
LAN9252
DS00001909A-page 212
 2015 Microchip Technology Inc.
If the initial length is 4 bytes of less and all bytes fit into one read, the valid bytes in the only FIFO read are as follows:
12.11.3.1
Aborting a Read
If necessary, a read command can be aborted by setting the PRAM Read Abort (PRAM_READ_ABORT) bit in the Eth-
erCAT Process RAM Read Command Register (ECAT_PRAM_RD_CMD).
12.11.4
ETHERCAT PROCESS RAM WRITES
Process data is transferred to the EtherCAT Core through a 16 deep 32-bit wide FIFO. The FIFO has the base address
of 20h, however, it is also accessible at seven additional contiguous memory locations. The Host may access the FIFO
at any of these alias port locations, as they all function identically and contain the same data. This alias port addressing
is implemented to allow hosts to burst through sequential addresses.
For HBI access, the Process RAM Write Data FIFO may also be accessed using FIFO Direct Selection mode. In this
mode, the address input is ignored and all write accesses are directed to the Process RAM Write Data FIFO. See Sec-
tion 9.4.3.1, "FIFO Direct Select Access," on page 68.
To perform a write to the EtherCAT Process RAM, the write cycle is initiated by first writing the EtherCAT Process RAM
Write Address and Length Register (ECAT_PRAM_WR_ADDR_LEN) with the starting byte address and length (in
bytes) of the desired transfer followed by a write to the EtherCAT Process RAM Write Command Register
(ECAT_PRAM_WR_CMD) with the PRAM Write Busy (PRAM_WRITE_BUSY) bit set.
.
Data is transferred into the EtherCAT Core through a 16 deep 32-bit wide FIFO. The host may write data to the FIFO
through the EtherCAT Process RAM Write Data FIFO (ECAT_PRAM_WR_DATA) when space is available as indicated
by the PRAM Write Space Available (PRAM_WRITE_AVAIL) bit in the EtherCAT Process RAM Write Command Regis-
ter (ECAT_PRAM_WR_CMD). The PRAM Write Space Available Count (PRAM_WRITE_AVAIL_CNT) field indicates
how many writes can be performed without needing to check the status again. Following the final write of the data into
the EtherCAT Core, the PRAM Write Busy (PRAM_WRITE_BUSY) self-clears.
As the data is transferred to the EtherCAT Core from the FIFO the PRAM Write Length (PRAM_WRITE_LEN) and
PRAM Write Address (PRAM_WRITE_ADDR) are updated to show the progress.
Based on the starting address, the valid bytes in the first FIFO write are as follows:
TABLE 12-9:
ETHERCAT PROCESS RAM VALID BYTES ONE READ
Starting Length
Starting
Address[1:0]
4123
00b
bytes 3, 2, 1 and 0
byte 0
bytes 1 and 0
bytes 2, 1 and 0
01b
na
byte 1
bytes 2 and 1
bytes 3, 2 and 1
10b
na
byte 2
bytes 3 and 2
na
11b
nabyte 3na
na
Note:
The starting byte address and length must be programmed with valid values such that all transfers are
within the bounds of the Process RAM address range of 1000h to 1FFFh.
Note:
The final write of the EtherCAT Process RAM Write Data FIFO (ECAT_PRAM_WR_DATA) implies that all
four bytes have been written, even if not all bytes are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com