Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 227 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 227 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 223Page - Microchip Technology LAN9252I/ML Datasheet HTML 224Page - Microchip Technology LAN9252I/ML Datasheet HTML 225Page - Microchip Technology LAN9252I/ML Datasheet HTML 226Page - Microchip Technology LAN9252I/ML Datasheet HTML 227Page - Microchip Technology LAN9252I/ML Datasheet HTML 228Page - Microchip Technology LAN9252I/ML Datasheet HTML 229Page - Microchip Technology LAN9252I/ML Datasheet HTML 230Page - Microchip Technology LAN9252I/ML Datasheet HTML 231Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 227
LAN9252
12.14.1
TYPE REGISTER
12.14.2
REVISION REGISTER
12.14.3
BUILD REGISTER
Offset:
0000h
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:0
EtherCAT Controller Type
C0h = Microchip.
RO
RO
C0h
Offset:
0001h
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:0
EtherCAT Controller Revision
RO
RO
02h
Offset:
0002h-0003h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:0
EtherCAT Controller Build
[7:4] = minor version
[3:0] = Maintenance version
RO
RO
0000h
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com