Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 230 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 230 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 226Page - Microchip Technology LAN9252I/ML Datasheet HTML 227Page - Microchip Technology LAN9252I/ML Datasheet HTML 228Page - Microchip Technology LAN9252I/ML Datasheet HTML 229Page - Microchip Technology LAN9252I/ML Datasheet HTML 230Page - Microchip Technology LAN9252I/ML Datasheet HTML 231Page - Microchip Technology LAN9252I/ML Datasheet HTML 232Page - Microchip Technology LAN9252I/ML Datasheet HTML 233Page - Microchip Technology LAN9252I/ML Datasheet HTML 234Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 329 page
background image
LAN9252
DS00001909A-page 230
 2015 Microchip Technology Inc.
12.14.8
ESC FEATURES SUPPORTED REGISTER
Offset:
0008h-0009h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:12
RESERVED
RO
RO
0h
11
Fixed FMMU/SyncManager Configuration
0:
Variable configuration
1:
Fixed configuration
RO
RO
0b
10
EtherCAT Read/Write Command Support
0:
Supported
1:
Not supported
RO
RO
0b
9
EtherCAT LRW Command Support
0:
Supported
1:
Not supported
RO
RO
0b
8
Enhanced DC SYNC Activation
0:
Not available
1:
Available
Note:
This feature refers to the Activation Register and Acti-
vation Status Register
RO
RO
1b
7
Separate Handling of FCS Errors
0:
Not supported
1:
Supported, frame with wrong FCS and additional nibble will be
counted separately in Forwarded RX Counter
RO
RO
1b
6
Enhanced Link Detection MII
0:
Not available
1:
Available
RO
RO
1b
5
Enhanced Link Detection EBUS
0:
Not available
1:
Available
RO
RO
0b
4
Low Jitter EBUS
0:
Not available, standard jitter
1:
Available, jitter minimized
RO
RO
0b
3
Distributed Clocks (width)
0:
32-bit
1:
64-bit
RO
RO
1b
2
Distributed Clock
0:
Not available
1:
Available
RO
RO
1b
1
RESERVED
RO
RO
0b
0
FMMU Operation
0:
Bit oriented
1:
Byte oriented
RO
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com