Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 236 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 236 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 232Page - Microchip Technology LAN9252I/ML Datasheet HTML 233Page - Microchip Technology LAN9252I/ML Datasheet HTML 234Page - Microchip Technology LAN9252I/ML Datasheet HTML 235Page - Microchip Technology LAN9252I/ML Datasheet HTML 236Page - Microchip Technology LAN9252I/ML Datasheet HTML 237Page - Microchip Technology LAN9252I/ML Datasheet HTML 238Page - Microchip Technology LAN9252I/ML Datasheet HTML 239Page - Microchip Technology LAN9252I/ML Datasheet HTML 240Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 329 page
background image
LAN9252
DS00001909A-page 236
 2015 Microchip Technology Inc.
12.14.17 ESC DL CONTROL REGISTER
Offset:
0100h-0103h
Size:
32 bits
Bits
Description
ECAT
Type
PDI
Type
Default
31:25
RESERVED
Write 0.
RO
RO
0000000b
24
Station Alias
0:
Ignore station alias
1:
Alias can be used for all configured address command types
(FPRD, FPWR, etc.)
R/W
RO
0b
23:20
RESERVED
Write 0.
RO
RO
0000b
19
EBUS Low Jitter
0:
Normal jitter
1:
Reduced jitter
R/W
RO
0b
18:16
RX FIFO Size/RX Delay Reduction
(ESC delays start of forwarding until FIFO is at least half full)
See Note 6.
EBUS
MII
000:
-50 ns
-40 ns
001:
-40 ns
-40 ns
010:
-30 ns
-40 ns
011:
-20 ns
-40 ns
100:
-10 ns
No change
101:
No change No change
110:
No change No change
111:
Default
Default
R/W
RO
111b
15:14
RESERVED
Write 0.
RO
RO
00b
13:12
Loop Port 2
00:
Auto.
01:
Auto Close.
10:
Open.
11:
Closed.
R/W
Note 7
RO
00b
11:10
Loop Port 1
00:
Auto.
01:
Auto Close.
10:
Open.
11:
Closed.
R/W
Note 7
RO
00b
9:8
Loop Port 0
00:
Auto.
01:
Auto Close.
10:
Open.
11:
Closed.
R/W
Note 7
RO
00b
7:2
RESERVED
Write 0.
RO
RO
000000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com