Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 237 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 237 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 233Page - Microchip Technology LAN9252I/ML Datasheet HTML 234Page - Microchip Technology LAN9252I/ML Datasheet HTML 235Page - Microchip Technology LAN9252I/ML Datasheet HTML 236Page - Microchip Technology LAN9252I/ML Datasheet HTML 237Page - Microchip Technology LAN9252I/ML Datasheet HTML 238Page - Microchip Technology LAN9252I/ML Datasheet HTML 239Page - Microchip Technology LAN9252I/ML Datasheet HTML 240Page - Microchip Technology LAN9252I/ML Datasheet HTML 241Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 237
LAN9252
Note 6:
The possibility of RX FIFO Size reduction depends on the clock source accuracy of the ESC and of every
connected EtherCAT/Ethernet device (master, slave, etc.). RX FIFO Size of 111b is sufficient for 100ppm
accuracy, RX FIFO Size 000b is possible with 25ppm accuracy (frame size of 1518/1522 Byte).
Note 7:
Loop configuration changes are delayed until the end of a currently received or transmitted frame at the port.
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
12.14.18 PHYSICAL READ/WRITE OFFSET REGISTER
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
1
Temporary Use of Register 0101h Settings
0:
Permanent Use
1:
Temporarily use for ~1 s, then revert to previous settings.
R/W
RO
0b
0
Forwarding Rule
0:
EtherCAT frames are processed, Non-EtherCAT frames are
forwarded without processing
1:
EtherCAT frame are processed, Non-EtherCAT frames are
destroyed.
The source MAC address is changed for every frame
(SOURCE_MAC[1] is set to 1 - locally administered address)
regardless of the forwarding rule.
R/W
RO
1b
Offset:
0108h-0109h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:0
Physical Read/Write Offset
Offset of R/W commands (FPRW, APRW) between Read
address and Write address. RD_ADR - ADR and WR_ADR =
ADR + R/W-offset.
R/W
RO
0b
Bits
Description
ECAT
Type
PDI
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com