Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1808 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM1808
Description  PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1808 Datasheet HTML 17Page - Texas Instruments PCM1808 Datasheet HTML 18Page - Texas Instruments PCM1808 Datasheet HTML 19Page - Texas Instruments PCM1808 Datasheet HTML 20Page - Texas Instruments PCM1808 Datasheet HTML 21Page - Texas Instruments PCM1808 Datasheet HTML 22Page - Texas Instruments PCM1808 Datasheet HTML 23Page - Texas Instruments PCM1808 Datasheet HTML 24Page - Texas Instruments PCM1808 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PCM1808
www.ti.com
SLES177B – APRIL 2006 – REVISED AUGUST 2015
9 Power Supply Recommendations
The PCM1808 device requires a 5-V nominal supply and a 3.3-V nominal supply. The 5-V supply is for the
analog circuitry powered by the VCC pin. The 3.3-V supply is for the digital circuitry powered by the VDD pin. The
decoupling capacitors for the power supplies should be placed close to the device terminals.
A VCC that varies from the nominal 5 V affects the reference voltage for the input. This has a slight impact on the
data conversion of the device.
10 Layout
10.1 Layout Guidelines
10.1.1 VCC, VDD Pins
Bypass the digital and analog power supply lines to the PCM1808 device to the corresponding ground pins with
both 0.1-
μF ceramic and 10-μF electrolytic capacitors as close to the pins as possible to maximize the dynamic
performance of the ADC.
10.1.2 AGND, DGND Pins
To maximize the dynamic performance of the PCM1808 device, there are no internal connections to the analog
and digital grounds. These grounds should have low impedance to avoid digital noise feedback into the analog
ground. They should be connected directly to each other under the PCM1808 device package to reduce potential
noise problems.
10.1.3 VINL, VINR Pins
VINL and VINR are single-ended inputs. These inputs have integrated antialias low-pass filters to remove the
high-frequency noise outside the audio band. If the performance of these filters is not adequate for an
application, the application requires appropriate external antialiasing filters. An appropriate choice would typically
be a passive RC filter in the range of 100
Ω and 0.01 μF to 1 kΩ and 1000 pF.
10.1.4 VREF Pin
To ensure low source impedance of the ADC references, the recommended capacitors between VREF and AGND
are 0.1-
μF ceramic and 10-μF electrolytic. These capacitors should be located as close as possible to the VREF
pin to reduce dynamic errors on the ADC references.
10.1.5 DOUT Pin
The DOUT pin has a large load-drive capability, but if the DOUT line is long, a recommended practice is to locate
a buffer near the PCM1808 device and minimize load capacitance to minimize the digital-analog crosstalk and
maximize the dynamic performance of the ADC.
10.1.6 System Clock
The quality of the system clock can influence dynamic performance, as the PCM1808 device operates based on
a system clock. Therefore, it may be necessary to consider the system clock duty, jitter, and the time difference
between system clock transition and BCK or LRCK transition in slave mode.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: PCM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com