Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1808 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM1808
Description  PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1808 Datasheet HTML 3Page - Texas Instruments PCM1808 Datasheet HTML 4Page - Texas Instruments PCM1808 Datasheet HTML 5Page - Texas Instruments PCM1808 Datasheet HTML 6Page - Texas Instruments PCM1808 Datasheet HTML 7Page - Texas Instruments PCM1808 Datasheet HTML 8Page - Texas Instruments PCM1808 Datasheet HTML 9Page - Texas Instruments PCM1808 Datasheet HTML 10Page - Texas Instruments PCM1808 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
SCKI
0.8 V
SCKI
2 V
t w(SCKL)
t w(SCKH)
PCM1808
www.ti.com
SLES177B – APRIL 2006 – REVISED AUGUST 2015
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
SYSTEM CLOCK TIMING
tw(SCKH)
System clock pulse duration, HIGH
8
ns
tw(SCKL)
System clock pulse duration, LOW
8
ns
System clock duty cycle
40%
60%
CLOCK-HALT POWER-DOWN AND RESET TIMING
t(CKR)
Delay time from SCKI halt to internal reset
4
µs
t(RST)
Delay time from SCKI resume to reset release
1024 SCKI
µs
t(REL)
Delay time from reset release to DOUT output
8960 / fS
µs
AUDIO DATA INTERFACE TIMING (Slave Mode: LRCK and BCK Work as Inputs)(1)
t(BCKP)
BCK period
1 / (64 fS)
ns
t(BCKH)
BCK pulse duration, HIGH
1.5 × t(SCKI)
ns
t(BCKL)
BCK pulse duration, LOW
1.5 × t(SCKI)
ns
t(LRSU)
LRCK setup time to BCK rising edge
50
ns
t(LRHD)
LRCK hold time to BCK rising edge
10
ns
t(LRCP)
LRCH period
10
µs
t(CKDO)
Delay time, BCK falling edge to DOUT valid
–10
40
ns
t(LRDO)
Delay time, LRCK edge to DOUT valid
–10
40
ns
tr
Rise time of all signals
20
ns
tf
Fall time of all signals
20
ns
AUDIO DATA INTERFACE TIMING (Master Mode: LRCK and BCK Work as Outputs)(2)
t(BCKP)
BCK period
150
1 / (64 fS)
2000
ns
t(BCKH)
BCK pulse duration, HIGH
65
1200
ns
t(BCKL)
BCK pulse duration, LOW
65
1200
ns
t(CKLR)
Delay time, BCK falling edge to LRCK valid
–10
20
ns
t(LRCP)
LRCK period
10
1 / fS
125
ns
t(CKDO)
Delay time, BCK falling edge to DOUT valid
–10
20
ns
t(LRDO)
Delay time, LRCK edge to DOUT valid
–10
20
ns
tr
Rise time of all signals
20
ns
tf
Fall time of all signals
20
ns
AUDIO CLOCK INTERFACE TIMING (Master Mode: BCK Work as Outputs)(3)
t(SCKBCK)
Delay time, SCKI rising edge to BCK edge
5
30
ns
(1)
Timing measurement reference level is 1.4 V for input and 0.5 VDD for output. Rise and fall times are from 10% to 90% of the input-
output signal swing. Load capacitance of DOUT is 20 pF. t(SCKI) is the SCKI period.
(2)
Timing measurement reference level is 0.5 VDD. Rise and fall times are from 10% to 90% of the input-output signal swing. Load
capacitance of all signals is 20 pF.
(3)
Timing measurement reference level is 1.4 V for input and 0.5 VDD for output. Load capacitance of BCK is 20 pF. This timing applies
when SCKI frequency is less than 25 MHz.
Figure 1. System Clock Timing
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com