Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1808 Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM1808
Description  PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1808 Datasheet HTML 7Page - Texas Instruments PCM1808 Datasheet HTML 8Page - Texas Instruments PCM1808 Datasheet HTML 9Page - Texas Instruments PCM1808 Datasheet HTML 10Page - Texas Instruments PCM1808 Datasheet HTML 11Page - Texas Instruments PCM1808 Datasheet HTML 12Page - Texas Instruments PCM1808 Datasheet HTML 13Page - Texas Instruments PCM1808 Datasheet HTML 14Page - Texas Instruments PCM1808 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
G006
Normalized Frequency [× fS/1000]
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0
1
2
3
4
G005
Normalized Frequency [× fS /1000]
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.0
0.1
0.2
0.3
0.4
G003
Normalized Frequency [× f S]
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
G004
Normalized Frequency [× f
S ]
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
0.45 0.46 0.47 0.48 0.49 0.50 0.51 0.52 0.53 0.54 0.55
–4.13 dB at 0.5 f
S
Normalized Frequency [×fS]
G001
−200
−150
−100
−50
0
50
0
8
16
24
32
Frequency [
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.00
0.25
0.50
0.75
1.00
G002
×fS]
PCM1808
www.ti.com
SLES177B – APRIL 2006 – REVISED AUGUST 2015
6.7 Typical Characteristics
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 512 fS, 24-bit data, unless
otherwise noted.
Figure 8. Decimation-Filter Frequency Response
Figure 7. Decimation-Filter Frequency Response
Stop-Band Attenuation Characteristics
Overall Characteristics
Figure 10. Decimation-Filter Frequency Response
Figure 9. Decimation-Filter Frequency Response
Transition-Band Characteristics
Pass-Band Ripple Characteristics
Figure 11. High-Pass Filter Frequency Response
Figure 12. High-Pass Filter Frequency Response
HPF Stop-Band Characteristics
HPF Stop-Band Characteristics
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: PCM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com