Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1808 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM1808
Description  PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1808 Datasheet HTML 1Page - Texas Instruments PCM1808 Datasheet HTML 2Page - Texas Instruments PCM1808 Datasheet HTML 3Page - Texas Instruments PCM1808 Datasheet HTML 4Page - Texas Instruments PCM1808 Datasheet HTML 5Page - Texas Instruments PCM1808 Datasheet HTML 6Page - Texas Instruments PCM1808 Datasheet HTML 7Page - Texas Instruments PCM1808 Datasheet HTML 8Page - Texas Instruments PCM1808 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
PCM1808
www.ti.com
SLES177B – APRIL 2006 – REVISED AUGUST 2015
6.4 Thermal Information
PCM1808
THERMAL METRIC(1)
PW (TSSOP)
UNIT
14 PINS
RθJA
Junction-to-ambient thermal resistance
89.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
25.6
°C/W
RθJB
Junction-to-board thermal resistance
30.3
°C/W
ψJT
Junction-to-top characterization parameter
1.4
°C/W
ψJB
Junction-to-board characterization parameter
29.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 512 fS, 24-bit data, unless
otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
24
Bits
DATA FORMAT
Audio data interface format
I2S, left-justified
Audio data bit length
24
Bits
Audio data format
MSB-first, 2s complement
fS
Sampling frequency
8
48
96
kHz
256 fS
2.048
12.288
24.576
System clock frequency
384 fS
3.072
18.432
36.864
MHz
512 fS
4.096
24.576
49.152
INPUT LOGIC
VIH
(1)
High input logic level
2
VDD
VDC
VIL
(1)
Low input logic level
0
0.8
VDC
VIH
(2) (3)
High input logic level
2
5.5
VDC
VIL
(2) (3)
Low input logic level
0
0.8
VDC
IIH
(2)
High input logic current
VIN = VDD
±10
µA
IIL
(2)
Low input logic current
VIN = 0 V
±10
µA
IIH
(1) (3)
High input logic current
VIN = VDD
65
100
µA
IIL
(1) (3)
Low input logic current
VIN = 0 V
±10
µA
OUTPUT LOGIC
VOH
(4)
High output logic level
IOUT = –4 mA
2.8
VDC
VOL
(4)
Low output logic level
IOUT = 4 mA
0.5
VDC
DC ACCURACY
% of
Gain mismatch, channel-to-channel
±1
±3
FSR
% of
Gain error
±3
±6
FSR
(1)
Pins 7, 8: LRCK, BCK (Schmitt-trigger input, with 50-k
Ω typical pulldown resistor, in slave mode)
(2)
Pin 6: SCKI (Schmitt-trigger input, 5-V tolerant)
(3)
Pins 10–12: MD0, MD1, FMT (Schmitt-trigger input, with 50-k
Ω typical pulldown resistor, 5-V tolerant)
(4)
Pins 7–9: LRCK, BCK (in master mode), DOUT
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: PCM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com