Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1808 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1808
Description  PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1808 Datasheet HTML 2Page - Texas Instruments PCM1808 Datasheet HTML 3Page - Texas Instruments PCM1808 Datasheet HTML 4Page - Texas Instruments PCM1808 Datasheet HTML 5Page - Texas Instruments PCM1808 Datasheet HTML 6Page - Texas Instruments PCM1808 Datasheet HTML 7Page - Texas Instruments PCM1808 Datasheet HTML 8Page - Texas Instruments PCM1808 Datasheet HTML 9Page - Texas Instruments PCM1808 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
PCM1808
SLES177B – APRIL 2006 – REVISED AUGUST 2015
www.ti.com
Electrical Characteristics (continued)
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 512 fS, 24-bit data, unless
otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE (5)
VIN = –0.5 dB, fS = 48 kHz
–93
–87
VIN = –0.5 dB, fS = 96 kHz
(6)
–87
THD+N
Total harmonic distortion + noise
dB
VIN = –60 dB, fS = 48 kHz
–37
VIN = –60 dB, fS = 96 kHz
(6)
–39
fS = 48 kHz, A-weighted
95
99
Dynamic range
dBVDC
fS = 96 kHz, A-weighted
(6)
101
fS = 48 kHz, A-weighted
95
99
S/N
Signal-to-noise ratio
dB
fS = 96 kHz, A-weighted
(6)
101
fS = 48 kHz
93
97
Channel separation
dB
fS = 96 kHz
(6)
91
ANALOG INPUT
Input voltage
0.6 VCC
Vp-p
Center voltage (VREF)
0.5 VCC
V
Input impedance
60
k
Ω
Antialiasing filter frequency response
–3 dB
1.3
MHz
DIGITAL FILTER PERFORMANCE
Pass band
0.454 fS
Hz
Stop band
0.583 fS
Hz
Pass-band ripple
±0.05
dB
Stop-band attenuation
–65
dB
Delay time
17.4 / fS
0.019 fS /
HPF frequency response
–3 dB
1000
POWER SUPPLY REQUIREMENTS
fS = 48 kHz, 96 kHz
(6)
8.6
11
mA
ICC
Analog supply current (7)
Powered down (8)
1
μA
fS = 48 kHz
5.9
8
mA
IDD
Digital supply current (7)
fS = 96 kHz
(6)
10.2
mA
Powered down (8)
150
µA
fS = 48 kHz
62
81
mW
Power dissipation (7)
fS = 96 kHz
(6)
77
Powered down (8)
500
µW
(5)
Testing of analog performance specifications uses an audio measurement system by Audio Precision™ with 400-Hz HPF and 20-kHz
LPF in RMS mode.
(6)
fS = 96 kHz, system clock = 256 fS.
(7)
Minimum load on LRCK (pin 7), BCK (pin 8), DOUT (pin 9)
(8)
Power-down and reset functions enabled by halting SCKI, BCK, LRCK.
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: PCM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com