Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1808 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1808
Description  PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1808 Datasheet HTML 9Page - Texas Instruments PCM1808 Datasheet HTML 10Page - Texas Instruments PCM1808 Datasheet HTML 11Page - Texas Instruments PCM1808 Datasheet HTML 12Page - Texas Instruments PCM1808 Datasheet HTML 13Page - Texas Instruments PCM1808 Datasheet HTML 14Page - Texas Instruments PCM1808 Datasheet HTML 15Page - Texas Instruments PCM1808 Datasheet HTML 16Page - Texas Instruments PCM1808 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
−100 −90
−80 −70
−60
−50 −40
−30
−20 −10
0
Signal Level − dB
G015
0
5
10
15
I
CC
I
DD
G016
44.1 (1)
96 (3)
48 (2)
f SAMPLE Condition − kHz
(1) System Clock = 384 fS
(2) System Clock = 512 fS
(3) System Clock = 256 fS
G013
f − Frequency − kHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
Input Level = −0.5 dB
Data Points = 8192
G014
f − Frequency − kHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
Input Level = −60 dB
Data Points = 8192
PCM1808
www.ti.com
SLES177B – APRIL 2006 – REVISED AUGUST 2015
Typical Characteristics (continued)
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 512 fS, 24-bit data, unless
otherwise noted.
Figure 19. Output Spectrum (–0.5 dB, N = 8192)
Figure 20. Output Spectrum (–60 dB, N = 8192)
Figure 22. Supply Current vs fSAMPLE Condition
Figure 21. Output Spectrum
THD+N vs Signal Level
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: PCM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com