Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1808 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1808
Description  PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1808 Datasheet HTML 1Page - Texas Instruments PCM1808 Datasheet HTML 2Page - Texas Instruments PCM1808 Datasheet HTML 3Page - Texas Instruments PCM1808 Datasheet HTML 4Page - Texas Instruments PCM1808 Datasheet HTML 5Page - Texas Instruments PCM1808 Datasheet HTML 6Page - Texas Instruments PCM1808 Datasheet HTML 7Page - Texas Instruments PCM1808 Datasheet HTML 8Page - Texas Instruments PCM1808 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Antialias
LPF
BCK
Reference
Delta-Sigma
Modulator
1 / 64
Decimation
Filter
With
High-Pass
Filter
Power Supply
AGND
DGND
Clock and Timing Control
LRCK
DOUT
SCKI
Serial
Interface
Mode/
Format
Control
FMT
MD1
MD0
Antialias
LPF
Delta-Sigma
Modulator
1
V L
IN
V
REF
V R
IN
V
CC
V
DD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
PCM1808
SLES177B – APRIL 2006 – REVISED AUGUST 2015
PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
1 Features
2 Applications
1
•
24-Bit Delta-Sigma Stereo A/D Converter (ADC)
•
DVD Recorder
•
Single-Ended Voltage Input: 3 Vp-p
•
Digital TV
•
High Performance:
•
AV Amplifier or Receiver
•
MD Player
–
THD+N: –93 dB (Typical)
•
CD Recorder
–
SNR: 99 dB (Typical)
•
Multitrack Receiver
–
Dynamic Range: 99 dB (Typical)
•
Electric Musical Instrument
•
Oversampling Decimation Filter:
–
Oversampling Frequency: ×64
3 Description
–
Pass-Band Ripple: ±0.05 dB
The PCM1808 device is a high-performance, low-
–
Stop-Band Attenuation: –65 dB
cost, single-chip, stereo analog-to-digital converter
–
On-Chip High-Pass Filter: 0.91 Hz (48 kHz)
with
single-ended
analog
voltage
input.
The
PCM1808 device uses a delta-sigma modulator with
•
Flexible PCM Audio Interface
64-times
oversampling
and
includes
a
digital
–
Master- or Slave-Mode Selectable
decimation filter and high-pass filter that removes the
–
Data Formats: 24-Bit I2S, 24-Bit Left-Justified
dc component of the input signal. For various
applications, the PCM1808 device supports master
•
Power Down and Reset by Halting System Clock
and slave mode and two data formats in serial audio
•
Analog Antialias LPF Included
interface.
•
Sampling Rate: 8 kHz–96 kHz
The PCM1808 device supports the power-down and
•
System Clock: 256 fS, 384 fS, 512 fS
reset functions by means of halting the system clock.
•
Resolution: 24 Bits
The PCM1808 device is suitable for wide variety of
•
Dual Power Supplies:
cost-sensitive consumer applications requiring good
–
5-V for Analog
performance and operation with a 5-V analog supply
and 3.3-V digital supply. Fabrication of the PCM1808
–
3.3-V for Digital
device uses a highly advanced CMOS process. The
•
Package: 14-Pin TSSOP
device is available in a small, 14-pin TSSOP
package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PCM1808
TSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
PCM1808 Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCM1808

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1808 TI2-PCM1808 Datasheet
444Kb / 29P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
REVISED AUGUST 2012
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808-Q1 TI2-PCM1808-Q1 Datasheet
444Kb / 29P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
REVISED AUGUST 2012
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results

Similar Description - PCM1808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com