Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1808 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM1808
Description  PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1808 Datasheet HTML 6Page - Texas Instruments PCM1808 Datasheet HTML 7Page - Texas Instruments PCM1808 Datasheet HTML 8Page - Texas Instruments PCM1808 Datasheet HTML 9Page - Texas Instruments PCM1808 Datasheet HTML 10Page - Texas Instruments PCM1808 Datasheet HTML 11Page - Texas Instruments PCM1808 Datasheet HTML 12Page - Texas Instruments PCM1808 Datasheet HTML 13Page - Texas Instruments PCM1808 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
BCK
SCKI
t (SCKBCK)
1.4 V
0.5 VDD
t (SCKBCK)
BCK
LRCK
DOUT
t (BCKH)
t (BCKL)
t (CKLR)
t (LRCP)
t (BCKP)
t (CKDO)
t (LRDO)
0.5 V
DD
10
0.5 V
DD
0.5 V
DD
PCM1808
SLES177B – APRIL 2006 – REVISED AUGUST 2015
www.ti.com
Figure 5. Audio Data Interface Timing (Master Mode: LRCK and BCK Work as Outputs)
Figure 6. Audio Clock Interface Timing (Master Mode: BCK Works as Output)
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: PCM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com