Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BHTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STDRIVE102BHTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BHTR Datasheet(HTML) 5 Page - STMicroelectronics

  STDRIVE102BHTR Datasheet HTML 1Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 2Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 3Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 4Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 5Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 6Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 7Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 8Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Symbol
Parameter
Test condition
Value
Unit
VBO,x
Supply rail of the high-side driver
(VBOOT - VOUTx)
-0.3 to 65
V
Analog pins and digital I/O
VIO
Logic IO voltage (INHx/INx, INLx/ENx,
nSTBY, EN pins)
-0.3 to 5.5
V
Vin_analog
Analog input pins for device
configuration (IGATE, TCC, VDSTH)
-0.3 to 5.5
V
VOD
Open-drain pins voltage (nFAULT,
FLAG)
-0.3 to 5.5
V
VC_IN
C_INx input
-0.3 to VDD+0.3
V
VCREF
CREF input
-0.3 to VDD+0.3
V
VOA_INxP
Operational amplifiers positive inputs
-0.3 to VDD+0.3
V
VOA_INxN
Operational amplifiers negative inputs
-0.3 to VDD+0.3
V
VOA_Ox
Operational amplifiers output
-0.3 to VDD+0.3
V
Temperature
Tstg
Storage temperature
-55 to 150
°C
Tj
Junction temperature
-40 to 150
°C
Reference grounds
ΔVGND
GND misalignment
AGND with respect to GND
(exposed pad)
-0.3 to +0.3
V
1. Vsupply_LS AMR must be also considered.
2. Limit to avoid VGS clamp turn-on.
2.2
Recommended operating conditions
All voltages must be considered shorting AGND and GND pins.
Table 2. Recommended operating conditions
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VM
Motor supply voltage
6
50
V
VS
12 V LDO linear regulator input
(1)
VCC
50
V
VCC
VCC gate drivers’ supply voltage
VCC supplied by internal
linear regulator
12
V
VS shorted to VCC and
externally supplied
6
15
V
ICC
12 V linear regulator output current
(1) (2)
50
mA
CVCC
12 V LDO linear regulator output
capacitor
(3)
4.7
µF
VBOOT
Charge pump output voltage
VM + VCC
V
IBOOT
Charge pump current
(2)
35
mA
VREGIN_3V3 3.3 V LDO linear regulator input
VDD
15
V
VDD
3.3 V LDO linear regulator output
VDD supplied by internal
linear regulator
3.3
V
STDRIVE102BH, STDRIVE102H
Device ratings
DS14545 - Rev 1
page 5/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com