Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BHTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # STDRIVE102BHTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BHTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STDRIVE102BHTR Datasheet HTML 35Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 36Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 37Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 38Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 39Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 40Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 41Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 42Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
6
Application examples
6.1
3-phase brushless motor application with triple shunt current sensing based
on STDRIVE102BH
Figure 28 shows an application example using the STDRIVE102BH to drive a 3-phase motor with triple shunt
configuration. The list of components is summarized in Table 17.
The values reported in Table 17 refer to a generic example. The actual components' values must be chosen in
order to fit the specific application requirements. The value of the resistors on the IGATE, TCC, and VDSTH pins
must be sized according to the specific power stage. The values of the components connected to the operational
amplifiers and the shunt resistors must be sized according to the current rating of the application.
Table 17. List of components
Value
CBRIDGE
220 nF (to be tuned according to current rating of the power stage)
CBULK
470 µF (to be tuned according to current rating of the power stage)
CM
1 µF low ESR to be placed close to the driver
Rsh
According to the current rating of the application (for example 2 mΩ)
Rop, Rf
According to op amp gain (for example 1 kΩ, 15 kΩ: Gain = 15)
Rcp
4.7 kΩ
Rc1, Rc2
According to the CREF threshold (for example 100 kΩ, 7.5 kΩ: VCREF = 230 mV)
Ccp
10 nF / 16 V
RIG1 , RIG2
1% precision, values according to drivers’ current selection
(for example RIG1 = 30 kΩ, RIG2 = 15 kΩ; see Figure 16)
CIG
10 nF /16 V
Rtc1, Rtc2
1% precision, values according to tcc timing selection
(for example Rtc1 = 30 kΩ, Rtc2 = 7.5 kΩ ; see Figure 16)
Ctc
10 nF / 16 V
Rvds1 , Rvds2
1% precision, values according to VDS monitoring threshold
(for example Rvds1 = 220 kΩ, Rvds2 = 15 kΩ: VDSTH = 210 mV)
Cvds
10 nF / 16 V
REN , CEN
According to target disable time
(for example 33 kΩ, 47 nF: tdelay,EN ≈ 1.25 ms )
RFLAG
33 kΩ
CSUPPLY
1 µF low ESR to be placed close to the driver
CLG
4.7 µF / 16 V
CVCC
4.7 µF / 25 V
CVDD
4.7 µF / 16 V
CBOOT
1 µF / 25 V
CFLY
220 nF (according to VM rating)
STDRIVE102BH, STDRIVE102H
Application examples
DS14545 - Rev 1
page 39/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com