Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BHTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STDRIVE102BHTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BHTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STDRIVE102BHTR Datasheet HTML 11Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 12Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 13Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 14Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 15Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 16Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 17Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 18Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
5
Device description
The STDRIVE102BH and the STDRIVE102H are triple half-bridge gate drivers suitable for 3-phase brushless
motor driving. From now on the naming convention STDRIVE102BH/H is adopted to indicate indistinctly one or
the other.
5.1
Power management section
The power management section of the STDRIVE102BH/H (Figure 5) is composed by:
One LDO linear regulator with 12 V output; it is used to generate the VCC for the gate drivers’ supply. Its
input VS can be connected to VM or to an external voltage (up to 50 V operative).
One LDO linear regulator, which generates the 3.3 V supply (VDD). Its input REGIN_3V3 ranges between
3.6 V and 15 V. It can also be connected to the VCC or be fed by an external supply.
One internal regulator, which supplies the STDRIVE102BH/H control logic at 5 V. This voltage is for internal
use only: no external load or circuitry can be connected to the LGC_CAP pin, which must be used only to
connect an external decoupling capacitor (low-ESR ceramic, 4.7 µF / 16 V). This capacitor stabilizes all the
internal control circuits, including the power-on reset (POR).
A charge pump, supplied by VS and referenced to VM, which generates the VBOOT supply rail for the high
side gate drivers.
Figure 5. Power management block diagram
3.3V LDO
Charge
pump
AFE
VCC
VDD
VM
VBOOT
Control
LOGIC
12V LDO
VS
Internal 5V
Reg.
LGC_CAP
LS
HS
POR
REGIN_3V3
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 15/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com