Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BHTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STDRIVE102BHTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BHTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STDRIVE102BHTR Datasheet HTML 4Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 5Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 6Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 7Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 8Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 9Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 10Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 11Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
3
Electrical characteristics
Testing conditions: VM = 24 V, VS = 12 V, VCC = 12 V, VREGIN_3V3 = 3.3 V, VDD = 3.3 V, VDSTH = 3.3 V, all gate
drivers LOW (sinking current) unless otherwise specified.
Typical values are tested at Tj = 25 °C, minimum and maximum values are guaranteed by thermal
characterization in the temperature range of -40 to 125 °C, unless otherwise specified.
Table 6. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
Supply and UVLO protection
VCC(On)
VCC UVLO turn-on threshold
VCC rising
5.5
5.8
V
VCC(Hyst)
VCC UVLO hysteresis
VCC falling
0.25
V
VCC(Off)
VCC UVLO turn-off threshold
VCC falling
5.0
5.25
V
VP_GOOD(On) VCC power-good warning release threshold
VCC rising
7.75
V
VP_GOOD(Hyst) VCC power-good warning hysteresis
VCC falling
0.25
V
VP_GOOD(Off) VCC power-good warning threshold
VCC falling
7.50
V
VCPump(On)
VBOOT - VM UVLO turn-on threshold
'VBOOT - VM' rising
4.5
5.2
V
VCPump(Hyst) VBOOT - VM UVLO hysteresis
'VBOOT - VM' falling
0.2
V
VCPump(Off)
VBOOT - VM UVLO turn-off threshold
'VBOOT - VM' falling
3.6
4.3
V
VDD(On)
VDD UVLO turn-on threshold
VDD rising
2.6
2.9
V
VDD(Hyst)
VDD UVLO hysteresis
VDD falling
0.2
V
VDD(Off)
VDD UVLO turn-off threshold
VDD falling
2.2
2.4
V
ISTBY
Standby current consumption
VM = VS = 50 V
Tj = 25 °C
50
nA
12 V LDO linear regulator
VCC
12 V linear regulator output
VS = 15 V, ICC = 40 mA
11.45
12
12.55
V
ICC,lim
12 V linear regulator current limitation
VCC shorted to AGND
55
85
115
mA
3.3 V LDO linear regulator
VDD
3.3 V linear regulator output
VREGIN_3V3 = 12 V
IDD = 25 mA
3.13
3.3
3.47
V
IDD,lim
3.3 V linear regulator current limit
VDD shorted to AGND
36
45
65
mA
Charge pump
fSW,CP
Charge pump switching frequency
90
kHz
Thermal shutdown
Tj(THSD),rec
Thermal shutdown recovery temperature
135
°C
Tj(THSD)
Thermal shutdown temperature
150
°C
Gate drivers
IGATE,on
Gate driver source current capability
IGATE = VDD
1000
mA
IGATE,off
Gate driver sink current capability
IGATE = VDD
2000
mA
Ihold,on
Gate driver hold current (source)
25
mA
Ihold,off
Gate driver hold current (sink)
50
mA
STDRIVE102BH, STDRIVE102H
Electrical
characteristics
DS14545 - Rev 1
page 8/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com