Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BHTR Datasheet(PDF) 37 Page - STMicroelectronics

Part # STDRIVE102BHTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BHTR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STDRIVE102BHTR Datasheet HTML 33Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 34Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 35Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 36Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 37Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 38Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 39Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 40Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
The time constant of the rising transient is:
Equation 6
τEN= REN∙RPD,EN
REN+RPD,EN∙CEN
(6)
Using the values calculated in Eq. (5) and in Eq. (6), it is possible to find the delay time required to re-arm the
power MOSFETs, after a FAULT condition:
Equation 7
tdelay,EN=τEN∙ln VEN,ℎigℎ−Vrelease
VEN,ℎigℎ−VIH
(7)
According to Eq. (5), the value of REN should be chosen to be several times smaller than RPD,EN to avoid an
excessive drop of the high level on the EN pin (VEN,high). In this hypothesis, it is possible to approximate Eq. (7)
as:
Equation 8
tdelay,EN≅REN∙CEN∙ln VDD−Vrelease
VDD−VIH
(8)
5.6.2
FLAG pin (STDRIVE102BH only)
Unlike the UVLO protection on the VCC, the warning on the VCC supply does not disable or limit the drivers and
the device functionalities. The only effect is that the FLAG pin is forced low. The external microcontroller can
detect this condition and manage it by modifying the control algorithm of the driver.
In case a hardwired solution is required to disable the drivers at a higher threshold than the VCC UVLO threshold,
connect together the EN and the FLAG pins.
A capacitor can be added as shown in Figure 27 to provide an extra delay for the enabling of the drivers: the
delay is determined by the time constant
τFLAG≅RFLAG∙CFLAG,explainedinthepreviousSection5.6.1.
Figure 27. FLAG and EN management
FLAG
EN
GPIO
MCU
STDRIVE102
VDD
configuration
open drain
RFLAG
CFLAG
5.7
Device power-up
The power-up sequence starts at the rising edge of the main supply applied on the VS pin, supposing that the
nSTBY pin is forced high. In case the VM and VS pins are supplied by different voltage sources, the VM voltage
must be applied before the VS voltage. This sequence is not important if the nSTBY pin is kept low and it is raised
after the supplies are stable.
The internal 5 V regulator begins to charge the capacitor on the LGC_CAP pin. When the POR threshold is met,
the internal logic starts to operate and initialize all the internal circuits. During this phase the nFAULT signal is
kept low.
Then, the regulators are enabled and they can charge their external bypass capacitors: most of the time required
by the device to be operative is due to the charge of the external bypass capacitor. Depending on the capacitor
value and the current capability of the LDO regulators and the charge pump, this time can last hundreds of
microseconds.
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 37/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com