Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BHTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STDRIVE102BHTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BHTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STDRIVE102BHTR Datasheet HTML 5Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 6Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 7Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 8Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 9Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 10Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 11Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 12Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
Iclamp
Gate driver clamp current
2140
mA
tcc,on
Constant source current time
TCC at level 1, see Table 10
280
ns
TCC at level 15, see Table 10
4800
ns
tcc,off
Constant sink current time
TCC at level 1, see Table 10
140
ns
TCC at level 15, see Table 10
2400
ns
VGS, clamp
Clamping voltage protection on the high-side
driver’s output
IGS,clamp = 25 mA
17.5
V
IOUTx,bias
OUTx bias current
VOUTx = VM = 40 V
IGATE = VDD
300
µA
td,on
Turn-on propagation delay (input to output) (1)
CLOAD = 1 nF, IGATE = VDD
50
ns
td,off
Turn-off propagation delay (input to output) (1)
CLOAD = 1 nF, IGATE = VDD
45
ns
MTon-off
Propagation delay matching between turn-on
and off (2)
CLOAD = 1 nF, IGATE = VDD
5
ns
MTHL
Propagation delay matching between HS and LS
(3)
CLOAD = 1 nF, IGATE = VDD
7
ns
MTCH
Propagation delay matching between channels
(4)
CLOAD = 1 nF, IGATE = VDD
0
ns
VDS monitoring protection
VDS,th
VDS monitor protection threshold
VDSTH = 0.05 V
0.02
0.05
0.083
V
VDSTH = 2 V
1.8
2
2.2
V
VDSTH,en
VDS monitor protection enable voltage
2.4
V
VDSTH,dis
VDS monitor protection disable voltage
3
V
RPD,VDSTH
VDSTH pin pull-down resistor
450
tdg(VDS)
VDS monitor protection deglitch filter time
TCC short to GND
see Table 10
3.5
µs
Operational amplifiers
VOP,io
Input offset voltage
-5
0
5
mV
IOP,ib
Input bias current
Tj = 25 °C
(5)
100
pA
VOH
High level output voltage (VDD - VOA_Ox)
Output source current
IOA_Ox = +1 mA
30
100
mV
VOL
Low level output voltage
Output sink current
IOA_Ox = -1 mA
30
100
mV
GBWP
Gain bandwidth product
RL = 10kΩ, CL = 100 pF
12
MHz
SR
Slew rate
RL = 10 kΩ, CL = 100 pF
Buffer configuration
12
V/µs
Comparators
VCOMP,io
Input offset voltage
CREF = 1.65 V
-15
0
15
mV
ICREF
CREF pin input current
Tj = 25 °C
(5)
1
nA
IC_IN
C_INx pins input current
Tj = 25 °C
(5)
1
nA
STDRIVE102BH, STDRIVE102H
Electrical
characteristics
DS14545 - Rev 1
page 9/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com