Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BHTR Datasheet(PDF) 43 Page - STMicroelectronics

Part # STDRIVE102BHTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BHTR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STDRIVE102BHTR Datasheet HTML 39Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 40Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 41Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 42Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 43Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 44Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 45Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 46Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
7.3
Power supply decoupling capacitors
The STDRIVE102BH/H has different supply pins and every pin requires a decoupling capacitor, to be placed as
near as possible to the pin. All the capacitors should have a low ESR.
A capacitor between the VS pin and the GND (exposed pad) is required for the main supply of the device and to
provide a part of the charge pump switching current.
A capacitor between VCC and the GND (exposed pad) is required for the supply for the low-side drivers. Its value
should be at least 4.7 µF / 25 V to ensure the stability of the VCC when a pulsed current is required by the low-
side drivers. Note that, according to the total gate charge of the low-side MOSFET and their switching frequency,
the value of this capacitor should be increased. Moreover, an optional 100 nF or smaller capacitor can be added
in parallel to filter high frequency noise.
A capacitor between the LGC_CAP pin and the GND (exposed pad) is required to filter all the internal rails of the
device and avoid any malfunctioning on the internal logic even in case of strong variation on VS supply. Use a 4.7
µF / 16 V capacitor. An optional 100 nF or small capacitor can be added in parallel to filter high frequency noise.
A 4.7 µF / 16 V capacitor between VDD and AGND pins is required to ensure stability of the AFE supply.
The two capacitors of the charge pump, CFLY between the NCAP and PCAP and CBOOT between VBOOT and
VM, must be placed on the same layer of the STDRIVE102BH/H. They must be connected directly to the pins
avoiding any via. The rated voltage of CFLY must be compliant with the VM voltage, while CBOOT can be rated 25
V. The values of both capacitors depend on the high-side driver average current, which eventually depends on the
total gate charge and the switching frequency of the high-side MOSFETs.
The power stage and the motor supply need one or more electrolytic bulk capacitors: their value depends on
some parameters mainly related to the current required by the motor and the ripple allowed on the VM supply. In
addition, a smaller ceramic capacitor must be added for each half-bridge, to provide the pulsed currents required
by the power stage and the gate drivers. Another capacitor must be placed close to the VM pin to filter the
switching noise introduced by the charge pump, as reported in Section 7.3. This capacitor should have the same
value CBOOT and a voltage rating according to the value of VM. All these capacitors are in parallel and should be
referred to the GND power plane described in Section 7.2.
STDRIVE102BH, STDRIVE102H
Layout recommendations and
guidelines
DS14545 - Rev 1
page 43/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com