Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BHTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STDRIVE102BHTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BHTR Datasheet(HTML) 3 Page - STMicroelectronics

  STDRIVE102BHTR Datasheet HTML 1Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 2Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 3Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 4Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 5Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 6Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 7Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 8Page - STMicroelectronics STDRIVE102BHTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
1
Block diagram
Figure 1. STDRIVE102BH block diagram
HS
LS
VCC
V
BOOT
INH1/IN1
INH2/IN2
INH3/IN3
GHSx
OUTx
GLSx
AGND
INL1/EN1
INL2/EN2
INL3/EN3
SLSx
+
-
+
-
nSTBY
x3
VBOOT
OA_Ox
OA_INxP
OA_INxN
V
BOOT
Control logic
VM
x3
12V Linear
Reg.
3.3V Linear
Reg.
Charge
Pump
I_GATE
TCC
nFAULT
OpAmp
+
-
CREF
Comp. +
-
C_INx
V
CC
STBY
STBY
VDSTH
EN
V
DD
V
DD
GND
(exp. PAD)
FLAG
EN
LGC_CAP
5V
internal
release
+
-
+
Vrelease
VDSTH
Igate
+
+
VDSth
VDSth
VDSth
VDD/2
VREF
OA_O1
OUT1
OUT2
OUT3
GHS1
GLS1
SLS1
OA_IN1P
OA_IN1N
C_IN1
OA_O2
OA_O3
M
To control unit
VDD
VCC
VM
VDD
VDD
VDD
VDD
CVCC
CSUPPLY
CBOOT
CFLY
CVDD
CLG
VM
CBRIDGE
x3
OA_O1
CM
CBULK
+
Figure 2. STDRIVE102H block diagram
HS
LS
VCC
V
BOOT
INH1/IN1
INH2/IN2
INH3/IN3
GHSx
OUTx
GLSx
AGND
INL1/EN1
INL2/EN2
INL3/EN3
SLSx
+
-
+
-
nSTBY
x3
VBOOT
OA_O
OA_INP
OA_INN
V
BOOT
Control logic
VM
12V Linear
Reg.
3.3V Linear
Reg.
Charge
Pump
I_GATE
TCC
nFAULT
OpAmp
CREF
Comp.
C_IN1
V
CC
STBY
STBY
VDSTH
EN
V
DD
V
DD
GND
(exp. PAD)
EN
LGC_CAP
5V
internal
release
+
-
+
Vrelease
VDSTH
Igate
+
+
VDSth
VDSth
VDSth
C_IN2
NTC
Comp.
VDD/2
VREF
OA_O
OUT1
OUT2
OUT3
GHS1
GLS1
SLS1
M
VDD
VCC
VM
VDD
VDD
VDD
CVCC
CSUPPLY
CBOOT
CFLY
CVDD
CLG
VM
CBRIDGE
x3
VDD
CM
+
CBULK
STDRIVE102BH, STDRIVE102H
Block diagram
DS14545 - Rev 1
page 3/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com