Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5051BCCZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5051BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5051BCCZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5051BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
ADRF5051
SPECIFICATIONS
analog.com
Rev. A | 5 of 18
SINGLE-SUPPLY OPERATION SPECIFICATIONS
VDD = 3.3V, VSS = 0V, V1 and V2 = 0V or VDD, TCASE = 25°C, and 50Ω system, unless otherwise noted.
The small signal and bias specifications are maintained for the single-supply operation.
Table 2. Single-Supply Operation Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
0.009
20000
MHz
SWITCHING
Rise and Fall Time
tRISE, tFALL
10% to 90% of RFOUT
17
μs
On and Off Time
tON, tOFF
50% VCTRL to 90% of RFOUT
28
μs
0.1dB Settling Time
50% VCTRL to 0.1dB of final RFOUT
32
μs
INPUT LINEARITY 1
0.1dB Power Compression
P0.1dB
f = 1MHz to 20GHz
21
dBm
Third-Order Intercept
IP3
Two-tone input power = 15dBm each tone, f =
1MHz to 20GHz, Δf = 1MHz
38
dBm
SUPPLY CURRENT
Positive Supply Current
IDD
36
μA
RECOMMENDED OPERATING CONDITIONS
RF Power Handling 2
f = 1MHz to 20GHz, TCASE = 85°C 3
Through Path
RF signal is applied to RFC or through connected
RF throw port (selected RFx)
21
dBm
Terminated Path
RF signal is applied to any unselected RF throw
port (unselected RFx)
18
dBm
Hot Switching (RFC)
RF signal is applied to RFC while switching
between RFx ports
21
dBm
Hot Switching (RFx)
RF signal is applied to a RFx port while switching to
or from another RFx port
18
dBm
Case Temperature
TCASE
−40
+105
°C
1 For input linearity performance over frequency, see Figure 23 to Figure 26.
2 For RF power handling derating over the extended frequency range, see Figure 2.
3 For TCASE = 105°C operation, the RF power handling derates from the TCASE = 85°C specification by 3dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com