Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5051BCCZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF5051BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5051BCCZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF5051BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 17Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Data Sheet
ADRF5051
APPLICATIONS INFORMATION
analog.com
Rev. A | 16 of 18
The ADRF5051 has two power supply pins (VDD and VSS) and
four control pins (LS, EN, V1, and V2). Figure 27 shows the exter-
nal components and connections for the supply and control pins.
The supply and control pins are decoupled with 100pF multilayer
ceramic capacitors. Place the decoupling capacitors as close as
possible to the ADRF5051. The device pinout allows the placement
of the decoupling capacitors close to the ADRF5051. No other
external components are required for bias and operation, except
DC blocking capacitors on the RF pins when the RF lines are
biased at a voltage different than 0V. Refer to Pin Configuration and
Function Descriptions section for additional information.
Figure 27. Recommended Schematic
RECOMMENDATIONS FOR PCB DESIGN
The RF ports are matched to 50Ω internally, and the pinout is
designed to mate a coplanar waveguide (CPWG) with a 50Ω char-
acteristic impedance on the PCB. Figure 28 shows the referenced
CPWG RF trace design for an RF substrate with 8mil thick Rogers
RO4003 dielectric material. RF trace with 14mil width and 7mil
clearance is recommended for 1.5mil finished copper thickness.
Figure 28. Example PCB Stack-Up
Figure 29 shows the routing of the RF traces, supply, and control
signals from the ADRF5051. The ground planes are connected with
as many filled, through vias as are allowed for optimal RF and
thermal performance. The primary thermal path for the device is the
bottom side.
Figure 29. PCB Routings
Figure 30 shows the recommended layout from the device RF pins
to the 50Ω CPWG on the referenced stack-up. PCB pads are drawn
1:1 to the device pads. The ground pads are drawn solder mask
defined, and the signal pads are drawn as pad defined. The RF
trace from the PCB pad is extended to the device edge and tapered
to the RF trace with a 45° angle. The paste mask is designed to
match the pad without any aperture reduction. The paste is divided
into multiple openings for the paddle.
Figure 30. Recommended RF Pin Transitions
For alternate PCB stack-ups with different dielectric thickness and
CPWG design, contact Analog Devices, Inc., Technical Support
Request for further recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com