Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5051BCCZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF5051BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5051BCCZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF5051BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 17Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Data Sheet
ADRF5051
THEORY OF OPERATION
analog.com
Rev. A | 15 of 18
RF INPUT AND OUTPUT
All of the RF ports (RFC and RF1 to RF4) are biased to ground
potential, and a DC blocking capacitor is not required at the RF
ports if the RF line potential is equal to ground. The RF ports are
internally matched to 50Ω. Therefore, external matching networks
are not required.
The insertion loss path conducts the RF signal between the select-
ed RF throw port and the RF common port. All unselected RF throw
ports have high isolation from RFC and the remaining RF throw
ports.
POWER SUPPLY
The ADRF5051 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
minimize RF coupling.
The ideal power-up sequence is as follows:
1. Connect GND to ground.
2. Power up VDD and VSS. Powering up VSS after VDD avoids
current transients on VDD during ramp up.
3. Apply a control voltage to the digital control inputs (EN, LS, V1,
and V2). Applying a control voltage to the digital control inputs
before the VDD supply can inadvertently forward bias and
damage the internal ESD protection structures. Use a series
1kΩ resistor to limit the current flowing into the control pin in
such cases. If the control pins are not driven to a valid logic
state (that is, the controller output is in a high impedance state)
after VDD is powered up, it is recommended to use a pull-up or
pull-down resistor.
4. Apply an RF input signal.
The ideal power-down sequence is the reverse order of the power-
up sequence.
SINGLE-SUPPLY OPERATION
The ADRF5051 can operate with a single positive supply voltage
applied to the VDD pin and the VSS pin connected to ground. In
single-supply operation, the switching characteristics, linearity, and
power handling performance are derated, see Table 2 for additional
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com