Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5051BCCZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5051BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5051BCCZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5051BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet
ADRF5051
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 6 of 18
For recommended operating conditions, see Table 1 and Table 2.
Table 3. Absolute Maximum Ratings
Parameter
Rating
Supply Voltage
VDD
−0.3V to +3.6V
VSS
−3.6V to +0.3V
Digital Control Inputs1
Voltage
−0.3V to VDD + 0.3V
Current
3mA
RF Input Power2
Dual Supply (VDD = 3.3V, VSS = −3.3V, f =
1MHz to 20GHz, TCASE = 85°C3)
Through Path
33.5dBm
Terminated Path
18.5dBm
Hot Switching (RFC)
30.5dBm
Hot Switching (RFx)
18.5dBm
Single Supply (VDD = 3.3V, VSS = 0V, f =
1MHz to 20GHz, TCASE = 85°C3)
Through Path
21.5dBm
Terminated Path
18.5dBm
Hot Switching (RFC)
21.5dBm
Hot Switching (RFx)
18.5dBm
Unbiased (VDD = 0V, VSS = 0V)
RFC
30dBm
RFx
27dBm
Temperature
Junction, TJ
135°C
Storage Range
−65°C to +150°C
Reflow
260°C
1 Overvoltages at the digital control inputs are clamped by internal diodes.
Current must be limited to the maximum rating given.
2 For RF power handling derating over the extended frequency range, see
Figure 2.
3 For TCASE = 105°C operation, the RF power handling derates from the TCASE =
85°C specification by 3dB.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required. θJC is the junction to case bottom
(channel to package bottom) thermal resistance.
Table 4. Thermal Resistance
Package Type
θJC1
Unit
CC-24-16
Through Path
110
°C/W
Terminated Path
800
°C/W
1 θJC was determined by simulation under the following conditions: the heat
transfer is due solely to thermal conduction from the channel through the
round pad to the PCB, and the ground pad is held constant at the operating
temperature of 85°C.
POWER DERATING CURVE
Figure 2. Power Derating vs. Frequency, Low Frequency Detail, TCASE = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com