Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5051BCCZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5051BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5051BCCZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5051BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 17Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Data Sheet
ADRF5051
THEORY OF OPERATION
analog.com
Rev. A | 14 of 18
The ADRF5051 integrates a CMOS-/LVTTL-compatible control in-
terface. The digital control input pins (EN, LS, V1, and V2) control
the state of the RF paths (see Table 7).
The logic levels applied to the V1 and V2 pins determine which RF
throw (RFx) port is in the insertion loss state (selected or on). The
remaining three RFx ports are in the isolation state (unselected or
off).
The LS pin allows the user to invert the RFx port selection logic
(see the truth table for V1 and V2, Table 7). See the application
example of this feature in the Back-to-Back Application section.
When the EN pin is logic high, all four RF paths are in an isolation
state regardless of the logic state of the LS, V1, and V2 pins.
The RFx ports are terminated to internal 50Ω resistors, and RFC
becomes reflective.
Table 7. Control Voltage Truth Table
Digital Control Inputs
RFx Paths
EN
LS
V1
V2
RFC to RF1
RFC to RF2
RFC to RF3
RFC to RF4
Low
Low
Low
Low
Insertion loss (on)
Isolation (off)
Isolation (off)
Isolation (off)
Low
Low
High
Low
Isolation (off)
Insertion loss (on)
Isolation (off)
Isolation (off)
Low
Low
Low
High
Isolation (off)
Isolation (off)
Insertion loss (on)
Isolation (off)
Low
Low
High
High
Isolation (off)
Isolation (off)
Isolation (off)
Insertion loss (on)
Low
High
Low
Low
Isolation (off)
Isolation (off)
Isolation (off)
Insertion loss (on)
Low
High
High
Low
Isolation (off)
Isolation (off)
Insertion loss (on)
Isolation (off)
Low
High
Low
High
Isolation (off)
Insertion loss (on)
Isolation (off)
Isolation (off)
Low
High
High
High
Insertion loss (on)
Isolation (off)
Isolation (off)
Isolation (off)
High
Low or high
Low or high
Low or high
Isolation (off)
Isolation (off)
Isolation (off)
Isolation (off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com