Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5051BCCZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5051BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5051BCCZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5051BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet
ADRF5051
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 11 of 18
Figure 16. Isolation for RFC to RFx (Off) vs. Frequency,
RF2 (On)
Figure 17. Isolation for RFC to RFx (Off) vs. Frequency,
RF3 (On)
Figure 18. Isolation for RFC to RFx (Off) vs. Frequency,
RF4 (On)
Figure 19. Channel to Channel (RFx to RFx) Isolation vs. Frequency,
RF1 (On)
Figure 20. Channel to Channel (RFx to RFx) Isolation vs. Frequency,
RF2 (On)
Figure 21. Channel to Channel (RFx to RFx) Isolation vs. Frequency,
RF3 (On)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com