Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5051BCCZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5051BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5051BCCZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5051BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Data Sheet
ADRF5051
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 10 of 18
INSERTION LOSS, RETURN LOSS, AND ISOLATION
VDD = 3.3V, VSS = −3.3V, LS and EN = 0V, V1 or V2 = 0V or VDD, and TCASE = 25°C on a 50Ω system, unless otherwise noted.
Figure 10. Insertion Loss for RFC to RFx (On) vs. Frequency
Figure 11. Insertion Loss for RFC to RF1 (On) vs. Frequency over
Temperature
Figure 12. Return Loss for RFC vs.
Frequency
Figure 13. Return Loss for RFx (On) vs. Frequency
Figure 14. Return Loss for RFx (Off) vs.
Frequency
Figure 15. Isolation for RFC to RFx (Off) vs. Frequency,
RF1 (On)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com