Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5051BCCZN-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5051BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5051BCCZN-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5051BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5051BCCZN-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet
ADRF5051
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 8 of 18
Figure 3. Pin Configuration (Top View)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN
Enable Input. See Table 7 for the truth table and Figure 6 for the interface schematic.
2
V1
Control Input 1. See Table 7 for the truth table and Figure 5 for the interface schematic.
3, 5, 9, 11 to 13, 15 to 17,
19 to 21, 23
GND
Grounds. The GND pins must be connected to the RF and DC ground of the PCB.
4
RFC
RF Common Port. No DC blocking capacitor is required when the RF line potential is equal to 0V DC. See Figure 4 for the
interface schematic.
6
VSS
Negative Supply Voltage. See Figure 9 for the interface schematic.
7
LS
Logic Select Input. See Table 7 for the truth table and Figure 7 for the interface schematic.
8
VDD
Positive Supply Voltage. See Figure 8 for the interface schematic.
10
RF4
RF Throw Port 4. No DC blocking capacitor is required when the RF line potential is equal to 0V DC. See Figure 4 for the
interface schematic.
14
RF3
RF Throw Port 3. No DC blocking capacitor is required when the RF line potential is equal to 0V DC. See Figure 4 for the
interface schematic.
18
RF2
RF Throw Port 2. No DC blocking capacitor is required when the RF line potential is equal to 0V DC. See Figure 4 for the
interface schematic.
22
RF1
RF Throw Port 1. No DC blocking capacitor is required when the RF line potential is equal to 0V DC. See Figure 4 for the
interface schematic.
24
V2
Control Input 2. See Table 7 for the truth table and Figure 5 for the interface schematic.
EPAD
Exposed Pad. Exposed pad must be connected to the RF and DC ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com