Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6005 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP6005 Datasheet HTML 12Page - Monolithic Power Systems MP6005 Datasheet HTML 13Page - Monolithic Power Systems MP6005 Datasheet HTML 14Page - Monolithic Power Systems MP6005 Datasheet HTML 15Page - Monolithic Power Systems MP6005 Datasheet HTML 16Page - Monolithic Power Systems MP6005 Datasheet HTML 17Page - Monolithic Power Systems MP6005 Datasheet HTML 18Page - Monolithic Power Systems MP6005 Datasheet HTML 19Page - Monolithic Power Systems MP6005 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
16
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
MODE to rise to steady state before the
MP6005 detects VMODE.
Pulse-Width Modulation (PWM) Operation
The MP6005 can be set for flyback or forward
topology. In flyback topology, the external N-
channel MOSFET turns on at the beginning of
each cycle and forces the transformer current to
increase. The current through this MOSFET is
sensed after the sum of the SENSE current and
slope compensation exceed VCOMP. After the
current is sensed, the external MOSFET turns
off. The transformer current then transmits
energy from the primary-side winding to the
secondary-side winding, and charges the output
capacitor through the Schottky diode. The
transformer
’s primary-side current is controlled
by VCOMP, which is controlled by the output
feedback voltage. Therefore, the output voltage
controls the transformer current to satisfy the
load. In forward topology, energy is transferred
from
the
primary-side
to
secondary-side
winding
while
the
primary-side
N-channel
MOSFET is on. The primary-side peak current
is controlled by VCOMP, which is controlled by an
external
TL431
regulator
and
optocoupler
feedback.
See the Voltage Control section below for
details on output voltage feedback.
Voltage Control
PSR Mode
Unlike
traditional
flyback
with
optoisolator
feedback, the MP6005 can detect the feedback
(FB)
pin’s auxiliary winding voltage during the
secondary-side output diode conduction period.
Assume the secondary winding acts as the
master, and the auxiliary winding acts as the
slave. When the secondary-side diode conducts,
the feedback voltage can be calculated with
Equation (1):
FBL
FBH
FBL
DOF
OUT
S
A
FB
R
+
R
R
x
)
V
+
(V
x
N
N
=
V
(1)
Where VDOF is the output diode forward-drop
voltage, VOUT is the output voltage, NA is the
auxiliary winding turn, NS is the secondary-side
output winding, and RFBH and RFBL are the
resistor dividers for feedback sampling.
Figure 2 shows feedback sample control in
discontinuous conduction mode (DCM).
VIN
IPEAK
VFB
FB Sample
VSW
tCON
FB Sample
>0.7µs
IPRI
ISEC
Blanking
Time
Blanking
Time
Figure 2: Discontinuous Conduction Mode (DCM)
Condition Feedback Sample Control
Figure 3 shows feedback sample control in
continuous conduction mode (CCM).
Next clock
IPRI
ISEC
VIN
FB Sample
VFB
Vsw
tCON
FB Sample
Blanking
Time
Blanking
Time
Figure 3: Continuous Conduction Mode (CCM)
Condition Feedback Sample Control
The
MP6005
regulates
the
primary-side
MOSFET VSENSE current above 36mV and
begins sampling the auxiliary-winding voltage
after the power MOSFET turns off. A 300ns
blanking time is added to avoid spike ringing
due to leakage inductance. To guarantee a
sufficient feedback sample period under light-
load
conditions,
the
output
diode
current
conduction time (tCON) should exceed 600ns
before the diode current drops to 0A in each
cycle.
It
is
recommended
to
design
the
transformer to ensure that tCON exceeds 700ns
when VSENSE_PK = 33mV. The MP6005 GATE
signal also provides a 1.2µs minimum off time,
limited by a 70% max duty cycle, to guarantee
sufficient feedback sample time while the
MP6005 works in a high duty cycle. During the
feedback sense period, the FB pin’s signal is
sent to the negative EA input, and remains
there after the sense window has elapsed. The
EA voltage output (VEA) is generated on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com