Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6005 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP6005 Datasheet HTML 18Page - Monolithic Power Systems MP6005 Datasheet HTML 19Page - Monolithic Power Systems MP6005 Datasheet HTML 20Page - Monolithic Power Systems MP6005 Datasheet HTML 21Page - Monolithic Power Systems MP6005 Datasheet HTML 22Page - Monolithic Power Systems MP6005 Datasheet HTML 23Page - Monolithic Power Systems MP6005 Datasheet HTML 24Page - Monolithic Power Systems MP6005 Datasheet HTML 25Page - Monolithic Power Systems MP6005 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
22
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
leads to high switching loss, while a low QG
may
cause
fast
turn-on/off
speed,
which
determines the spike and kick.
The turn-on threshold voltage (VTH) is also
important. The GATE pin is powered by VCC,
so VTH must be lower than VCC.
Selecting
a
Transformer
for
Flyback
Application
A transformer is an important component of a
flyback converter because it determines the
duty cycle, peak current, efficiency, MOSFET
value, output diode rating, and more. A good
transformer should account for the winding ratio,
primary-side
inductance,
saturation
current,
leakage inductance, current rating, and core
selection.
The transformer winding ratio determines the
duty cycle, which can be calculated with
Equation (10):
OUT
OUT
IN
N V
D=
N V
V

(10)
Where N is the primary winding transformer to
output winding ratio, and D is the duty cycle.
For most applications, it is recommended to
have a duty cycle of about 45%.
The primary-side inductance affects the input
current ripple ratio factor. A high inductance
value results in a large transformer size and
high cost. A low inductance value results in a
high switching peak current and RMS current,
which can decrease efficiency. Choose a
primary-side inductor to set the current ripple
ratio factor between 30% and 50%. The
primary-side inductance can be estimated with
Equation (11):
SW
IN
2
IN
P
f
x
I
x
n
x
2
D
x
V
=
L
(11)
Where n is the current ripple ratio, IIN is the
input current, and LP is the primary inductance.
Calculate LP based on the minimum input
voltage condition.
The transformer should have a high saturation
current to support the switching peak current;
otherwise,
the
transformer
inductance
decreases sharply. The SENSE resistor can be
used to limit the switching peak current.
The energy stored in the leakage inductance
cannot couple to the secondary side, which
causes a high spike when the MOSFET turns
off. This decreases efficiency and increases
MOSFET stress. Normally, the transformer
leakage inductance is less than 3% of the
transformer inductance.
The current rating counts the maximum RMS
current, which allows current to flow through
each winding. Uncontrolled current density can
cause high resistive power loss.
Setting the Diode Conduct Time (Only for
PSR Flyback Mode)
In PSR mode, the MP6005 starts sampling the
auxiliary-winding
voltage
after
the
primary
power MOSFET turns off. A 300ns blanking
time helps avoid spike ringing from the leakage
inductance. To guarantee a sufficient sample
FB
period,
the
output
diode
’s
current-
conduction time (tCON) should not exceed 600ns
under
light-load
conditions.
Design
the
transformer to ensure tCON exceeds 700ns when
VSENSE_PK = 33mV, which can be estimated with
Equation (12):
700ns
)
V
+
(V
x
N
x
R
N
x
L
33mV x
DOF
OUT
P
SENSE
S
P
≥
(12)
Where VDOF is the output diode
’s forward-drop
voltage.
Resistance Capacitor Diode (RCD) Snubber
for Flyback Application
The transformer leakage inductance causes
spikes and excessive ringing on the drain
voltage waveform. The RCD snubber circuit
limits the voltage spike (see Figure 10).
CSN
DSN
NP
T1
RSN
AGND
NS
GATE
MP6005
MOSFET
PGND
Figure 10: RCD Snubber
The power dissipation of the snubber circuit can
be estimated with Equation (13):
2
SN
K
PEAK
SW
1
P
=
L
I
f
2
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com