Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6005 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP6005 Datasheet HTML 13Page - Monolithic Power Systems MP6005 Datasheet HTML 14Page - Monolithic Power Systems MP6005 Datasheet HTML 15Page - Monolithic Power Systems MP6005 Datasheet HTML 16Page - Monolithic Power Systems MP6005 Datasheet HTML 17Page - Monolithic Power Systems MP6005 Datasheet HTML 18Page - Monolithic Power Systems MP6005 Datasheet HTML 19Page - Monolithic Power Systems MP6005 Datasheet HTML 20Page - Monolithic Power Systems MP6005 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
17
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
COMP pin, and controls the transformer peak
current to match the regulated output voltage.
Secondary-Side Regulation (SSR) Mode
The MP6005 can work in secondary-side
regulation (SSR) mode. In SSR mode, the VOUT
signal is fed back to the COMP pin through one
optocoupler, and the PSR feedback voltage
detection is disabled. The FB pin should be
connected to GND.
The MP6005 has a fixed frequency while in
SSR mode under light-load conditions. The
peak current continues to drop towards VCOMP
until the PSM threshold is triggered. The 36mV
minimum current limit does not work in SSR
mode.
In SSR mode, the MP6005 supports both
flyback and forward topology. In PSR mode, the
MP6005 only supports flyback topology.
Output Voltage Compensation
In PSR mode, the auxiliary winding waveform
reflects the secondary-side winding voltage, but
the output voltage differs from the winding
output voltage due to the output diode voltage
drop and the power winding resistance (see
Figure 4). The dropout voltage varies as the
conduction current changes. As the current
varies, the resistance from the SENSE pin to
GND sets the compensation gain of the dropout
voltage. The current-sense (CS) signal is
filtered internally, and controls the current
sinking from the FB pin based on the average
voltage from the SENSE pin. There are three
types of current gain from the average VSENSE to
the FB sinking current (see Table 2 for SENSE
programming options). The FB sinking current
creates a voltage drop on the FB
pin’s high-side
(HS) feedback resistor to compensate for VOUT.
GATE
RSENSE
VIN
+
-
From Auxilary
Winding
RREG
R1
R2
Current
Mirror
IREG is set by VSENSE and
RREG + RSENSE
EA
VREF
COMP
Figure 4: Output Voltage Compensation
The voltage compensation function is disabled
in SSR mode.
Frequency Dithering
The MP6005 has a frequency dithering circuit
that
minimizes
electromagnetic
interference
(EMI). During steady state, the frequency is
fixed internally, but the frequency dithering
circuit is added to the configured frequency with
a 1.5kHz modulation. In PSR mode, frequency
dithering is fixed at ±6% of the switching
frequency. In SSR mode, frequency dithering
can be set at ±3%, ±6%, or ±9%, depending on
the resistor connected from the SENSE pin to
GND.
Table
2
shows
dithering
and
VOUT
compensation programming options.
Table 2: SENSE Program Options
SENSE to GND
Resistance (k
Ω) (13)
PSR Mode
SSR
Mode
Min
Typ
(1%)
Max
Dither
Range
(kHz)
IFB / VSENSE
Ratio
(µA/mV)
Dither
Range
(kHz)
0
0
1.3
0
0
0
3
3.3
3.6
±15
0.05
±7.5
6.2
6.8
7.5
±15
0.1
±15
12.7
12.7
13
±15
0.2
±22.5
24.9
25.5
28
±15
0
±22.5
After start-up, the SENSE detection current
continues for about 200µs. Typically, a resistor
from the SENSE pin to GND is sufficient. An
additional capacitor from SENSE to GND may
be required for filtering in a noise environment.
Notes:
13) RSENSE-GND is the resistance from the SENSE pin to GND,
which includes the CS resistor from the MOSFET source to
GND and the resistor from the MOSFET source to the
SENSE pin.
Current
Sense
(CS)
and
Over-Current
Protection (OCP)
The MP6005’s external MOSFET current is
sensed by the SENSE pin, which amplifies
VSENSE
to
feed
the
high-speed
current
comparator for current control mode. The
current comparator uses VSENSE and the slope
compensation
as
one
of
its
inputs,
and
compares that value to VCOMP. If the amplified
current exceeds VCOMP, then the comparator
output decreases and turns off the power
MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com