Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6005 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP6005 Datasheet HTML 16Page - Monolithic Power Systems MP6005 Datasheet HTML 17Page - Monolithic Power Systems MP6005 Datasheet HTML 18Page - Monolithic Power Systems MP6005 Datasheet HTML 19Page - Monolithic Power Systems MP6005 Datasheet HTML 20Page - Monolithic Power Systems MP6005 Datasheet HTML 21Page - Monolithic Power Systems MP6005 Datasheet HTML 22Page - Monolithic Power Systems MP6005 Datasheet HTML 23Page - Monolithic Power Systems MP6005 Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
20
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The
MP6005
has
two
feedback
modes:
primary-side regulation (PSR) and secondary-
side regulation (SSR).
In PSR mode, the converter detects the
auxiliary winding voltage from the FB pin. The
resistor dividers (RFBH and RFBL) are used for
feedback sampling (see Figure 5).
GND
FB
Na
RFBH
RFBL
Figure 6: Feedback in PSR Mode
When the primary-side power MOSFET turns
off, the auxiliary winding voltage is proportional
to the output winding. VOUT can be estimated
with Equation (3):
DOF
A
S
FBL
FBL
FBH
REF
OUT
V
-
N
N
x
R
)
R
+
(R
x
V
=
V
(3)
Where NS is the transformer’s secondary side
winding turns, NA is the transformer’s auxiliary
winding turns, VDOF is the output rectifier diode’s
forward drop, and VREF is the reference voltage
of FB.
When the main power MOSFET turns on, the
auxiliary winding voltage is negative, and VFB is
limited by an internal circuit. The FB current can
be estimated with Equation (4):
)
N
N
x
V
(
x
R
1
=
I
P
A
IN
FBH
FB
(4)
RFBH should be high enough to limit FB’s
negative current to less than 1mA. Due to FB
’s
parasitic capacitance, RFBH should be lower
than 100k
Ω.
In SSR Mode, VOUT is set by an external TL431
regulator, For example, if the regulator
’s VREF =
2.5V and VOUT = 12V, then the upper and lower
divider resistor ratio is 3:8. The regulator
generates an amplified signal and controls the
MP6005
’s COMP pin through an optocoupler
(e.g. a PC357). The COMP pin controls the
current, and the feedback signal regulates VOUT.
Setting Work Mode
After the MP6005 turns on, it outputs a 40µA
current to the MODE pin to detect the MODE
resistance. If VMODE exceeds 2.2V, the MP6005
works in PSR. Otherwise, the MP6005 works in
SSR. The MODE pin programs the dead time
between the GATE and SYNC pins. See Table
1 on page 15 for more details on MODE
programming options.
Setting Enable (EN) Control
The EN pin programs the VIN
pin’s start-up
voltage through a resistor divider. Figure 7
shows the programmable UVLO through EN.
GND
EN
RENL
RENH
VIN
GND
6.5V
Figure 7: Programmable UVLO through EN
EN’s recommended maximum voltage is 6.5V.
If the EN divider voltage exceeds 6.5V, the
resistance connected to VIN (RENH) limits the
current flowing to the EN pin. If the divider
voltage exceeds 6.5V, an internal Zener diode
on the EN pin clamps VEN. Ensure the clamped
Zener diode current is below 0.4mA.
Setting the VCC Power Supply
VCC is regulated by an internal LDO from the
VIN pin. VCC is typically regulated at 8.5V. It is
recommended to use a decoupling capacitor
between the VCC pin and GND.
In flyback mode, it is recommended to use a
minimum 1µF capacitor. VCC can also be
powered by transformer auxiliary winding to
reduce high-voltage LDO power loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com