Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6005 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP6005 Datasheet HTML 15Page - Monolithic Power Systems MP6005 Datasheet HTML 16Page - Monolithic Power Systems MP6005 Datasheet HTML 17Page - Monolithic Power Systems MP6005 Datasheet HTML 18Page - Monolithic Power Systems MP6005 Datasheet HTML 19Page - Monolithic Power Systems MP6005 Datasheet HTML 20Page - Monolithic Power Systems MP6005 Datasheet HTML 21Page - Monolithic Power Systems MP6005 Datasheet HTML 22Page - Monolithic Power Systems MP6005 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
19
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Minimum On Time
The
parasitic
transformer
capacitance
and
GATE signal create a current spike on the
SENSE resistor when the power MOSFET turns
on. The MP6005 includes a 250ns leading-edge
blanking period to avoid false termination of the
switching pulse. During this blanking period, the
CS comparator turns off and the gate driver
remains on.
Gate Driver
The MP6005 has a high-current gate driver for
the primary-side N-channel MOSFET. This
driver has strong driving capability and benefits
for
MOSFET
selection
by
allowing
the
MOSFET
’s VGS to be charged quickly. If QG is
low, then the switching speed should remain
low as well. It is recommended to use a series
resistor above 5Ω to reduce EMI.
The MP6005 has a SYNC driver pin that
controls the second switch. If SYNC is high, the
second switch turns off. If SYNC is low, the
second switch turns on. Figure 4 shows the
phase and dead time relationships between the
GATE and SYNC pins.
tD
tD
50%
50%
GATE
SYNC
Figure 5: GATE and SYNC Driver
Both GATE and SYNC maintain a low voltage if
UVLO or another protection mode has turned
off the IC.
Transformer Inductance
In PSR mode, the MP6005 samples VOUT during
the flyback time, and the secondary diode
conduct
time
with
minimum
peak
current
(controlled by 33mV minimum sense limit)
should be longer than 0.7µs. The transformer
inductance can be calculated with Equation (2):
33mV
R
x
0.7
μ.
x
N
N
x
)
V
+
(V
L
SENSE
S
P
DOF
OUT
PRI ≥
(2)
Where
LPRI
is
the
transformer
’s
primary
inductance, and VDOF is the output rectifier
diode
’s forward drop.
There is no inductance limit in SSR mode.
However, if the IC is designed to work in
continuous conduction mode (CCM), set the
peak current high to avoid triggering PSM,
which may lead to a larger VOUT ripple,
(particularly in SYNC mode forward topology).
Thermal Shutdown
Thermal shutdown prevents thermal runaway. If
the silicon die temperature exceeds its upper
threshold, the MP6005 turns off. Once the
temperature
returns
to
below
its
lower
threshold, thermal shutdown ends and the
device turns on again with the next new cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com