Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6005 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6005 Datasheet HTML 1Page - Monolithic Power Systems MP6005 Datasheet HTML 2Page - Monolithic Power Systems MP6005 Datasheet HTML 3Page - Monolithic Power Systems MP6005 Datasheet HTML 4Page - Monolithic Power Systems MP6005 Datasheet HTML 5Page - Monolithic Power Systems MP6005 Datasheet HTML 6Page - Monolithic Power Systems MP6005 Datasheet HTML 7Page - Monolithic Power Systems MP6005 Datasheet HTML 8Page - Monolithic Power Systems MP6005 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
5
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 48V, VEN = 5V, TJ = -40°C to +125°C (8), typical value is tested at TJ = 25°C, unless otherwise
noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
EA max source current
IEA
MODE floating, VCOMP = 1.5V,
VFB = 1.9V
-110
μA
EA max sink current
IEA
MODE floating, VCOMP = 1.5V,
VFB = 2.1V
110
μA
COMP high voltage
VCOMP
MODE floating, VFB = 1.9V
4
V
VMODE = 0V, float COMP
5
COMP internal pull-up
resistor
SSR mode
10
kΩ
Soft Start (SS)
Internal soft-start time
tSS
When MODE is floating, test FB
from 0V to 2V; when VMODE = 0V,
test COMP from 1.5V to 3.5V
4.7
ms
Current Sense (CS)
Max CS
ILIMIT-MAX
140
160
180
mV
Low current threshold
ILIMIT-MIN In PSR mode
33
36
39
mV
Short-circuit protection (SCP)
240
300
360
mV
Current leading-edge
blanking time
tLED
250
ns
CS amplifier gain
GCS
11
V
SENSE input bias current
VSENSE = 160mV
10
50
nA
Pulse-Width Modulation (PWM)
Switching frequency
fSW
225
250
275
kHz
Minimum foldback frequency
in pulse-frequency modulation
(PFM) mode
In PSR mode, VCOMP = 0V
30
kHz
Mode, Dead Time, Dither, VOUT Compensation Setting (MODE and SENSE Pin)
MODE detection current
IMODE
35
40
45
μA
SENSE detection current
ISENSE
90
100
110
μA
MODE/SENSE detection
period
tMODE/
tSENSE
200
μs
MODE/SENSE detection
threshold (11)
VMODE/
VSENSE
Voltage level 1 range
0.15
V
Voltage level 2 range
0.25
0.4
V
Voltage level 3 range
0.55
0.85
V
Voltage level 4 range
1.1
1.5
V
Voltage level 5 range
2.2
V
GATE Signal
GATE sourcing impedance
IGATE
IGATE = -20mA
2
Ω
GATE sinking impedance
IGATE
IGATE = 20mA
1.7
Ω
GATE source current (12)
VCC = 8.5V, GATE = 10nF,
test gate rising speed
2
A
ELECTRICAL CHARACTERISTICS (continued)
VIN = 48V, VEN = 5V, TJ = -40°C to +125°C (8), typical value is tested at TJ = 25°C, unless otherwise
noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com