Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6005 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6005 Datasheet HTML 10Page - Monolithic Power Systems MP6005 Datasheet HTML 11Page - Monolithic Power Systems MP6005 Datasheet HTML 12Page - Monolithic Power Systems MP6005 Datasheet HTML 13Page - Monolithic Power Systems MP6005 Datasheet HTML 14Page - Monolithic Power Systems MP6005 Datasheet HTML 15Page - Monolithic Power Systems MP6005 Datasheet HTML 16Page - Monolithic Power Systems MP6005 Datasheet HTML 17Page - Monolithic Power Systems MP6005 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
14
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
VIN UVLO
Regulator
Oscillator and
Slope
Compensation
EN
VIN
VCC
PWM
Logic
Driver
+
-
+
-
PWM
Comparator
GATE
GND
SENSE
COMP
+
-
2V
Enable (EN)
Control
OCP
Cycle by Cycle
+
-
OCP
0.16V
VCC UVLO
+
-
SCP
0.3V
OLP, SCP, OVP Lead to
Hiccup Protection
FB
Protection
Hiccup Mode
50µs
Timer
+
-
2.5V
OVP
+
-
36mV
PSR Low
Threshold
PFM
4.8ms
OLP
FB Sample
and Hold
+
SS
OLP
+
-
PSR Mode VOUT
Compensation
Current
Dither and
Compensation
Driver
SYNC
MODE
MODE
Dead Time
MODE
MODE
5V
10k
SS in SSR
Dither
GND
VCC
Current-Sense
(CS) Amplifier
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com