Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6005 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6005 Datasheet HTML 1Page - Monolithic Power Systems MP6005 Datasheet HTML 2Page - Monolithic Power Systems MP6005 Datasheet HTML 3Page - Monolithic Power Systems MP6005 Datasheet HTML 4Page - Monolithic Power Systems MP6005 Datasheet HTML 5Page - Monolithic Power Systems MP6005 Datasheet HTML 6Page - Monolithic Power Systems MP6005 Datasheet HTML 7Page - Monolithic Power Systems MP6005 Datasheet HTML 8Page - Monolithic Power Systems MP6005 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
4
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 48V, VEN = 5V, TJ = -40°C to +125°C (8), typical value is tested at TJ = 25°C, unless otherwise
noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Power Supply and Under-Voltage Lockout (UVLO)
UVLO rising threshold
VIN-R
VIN rising, start charge VCC
4.5
5.5
6.5
V
VIN UVLO falling threshold
VIN-F
VIN falling
3.8
4.8
5.8
V
VCC regulation voltage
VCC
Load = 0mA to 20mA
8.5
V
VCC dropout voltage
VCC-DROP VIN = 8V, IVCC = 10mA
1.5
V
VCC UVLO rising threshold
VCC-R
VIN > VIN-R, VCC rising
5.4
5.7
6.0
V
VCC UVLO falling threshold
VCC-F
VIN > VIN-R, VCC falling
5.0
5.3
5.6
V
Quiescent supply current
IQ
MODE pin float, VFB = -0.1V,
VSENSE = 100mV, VCOMP = 0V,
IQ = IIN - ICOMP,
GATE and SYNC floating
800
μA
VMODE = 0V, VCOMP = 0V,
IQ = IIN - ICOMP,
GATE and SYNC floating
450
μA
Shutdown supply current
ISD
VEN = 0V
1
μA
Enable (EN) Control
EN turn-on threshold
VEN-R
Start switching
1.93
2
2.07
V
EN hysteresis
VEN-HYS
Stop switching
0.2
V
EN high micro-power
threshold
VEN-H
Start internal logic
1.0
V
EN low micro-power threshold
VEN-L
Stop internal logic
0.4
V
EN input current
IEN
VEN = 5V
2
μA
EN turn-on delay
EN on to GATE output
500
μs
Voltage Feedback
FB reference voltage
VREF
TJ = 25°C
1.98
2
2.02
V
TJ = -40°C to +125°C
1.97
2
2.03
V
FB leakage current
IFB
VFB = 2V
10
50
nA
FB over-voltage protection
(OVP) threshold
VFBOVP
120%
125%
130%
VREF
OVP hiccup off time
340
ms
Minimum diode conduction
time for FB sample
tSAMPLE
0.5
0.6 (9)
μs
Regulation compensation
current into FB
VSENSE = 50mV,
RSENSE-GND = 3.3k
Ω (10)
2.7
μA
VSENSE = 50mV,
RSENSE-GND = 6.8k
Ω (10)
5.4
μA
VSENSE = 50mV,
RSENSE-GND = 12.7k
Ω (10)
10.8
μA
Error Amplifier (EA)
EA transconductance
GEA
MODE floating, VFB is ±50mV
from VREF, VCOMP = 1.5V
0.59
mA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com